Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC198AEVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC198AEVB
Description  Dual DC-DC Buck Converter with High Current Capability
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC198AEVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC198AEVB Datasheet HTML 1Page - Semtech Corporation SC198AEVB Datasheet HTML 2Page - Semtech Corporation SC198AEVB Datasheet HTML 3Page - Semtech Corporation SC198AEVB Datasheet HTML 4Page - Semtech Corporation SC198AEVB Datasheet HTML 5Page - Semtech Corporation SC198AEVB Datasheet HTML 6Page - Semtech Corporation SC198AEVB Datasheet HTML 7Page - Semtech Corporation SC198AEVB Datasheet HTML 8Page - Semtech Corporation SC198AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
POWER MANAGEMENT
1
SC198A
Dual DC-DC Buck Converter
with High Current Capability
Features
Input voltage range — 2.7V to 5.5V
Dual buck converters with independent control
High efficiency — over 90% peak
Up to 800mA Load
Programmable output voltages per channel — 8
Fixed-frequency operation — 1MHz
Optional SYNC clock input
Optional power-save under light-load conditions
Shutdown current <1μA
Soft-start to limit in-rush current
4mm x 4mm MLPQ package
Applications
Mobile phones
Cordless phones
MP3 players
Digital cameras
PDAs
Single Li-Ion cell or (3) NiMH/NiCd cell devices
Digital multimedia broadcast (DMB) devices
Portable gaming systems
Description
The SC198A is a dual high-efficiency synchronous buck
converter designed for use in low power applications.
Each converter is capable of supplying up to 800mA of
average current at one of eight programmable output
voltages used as microprocessor supply voltages.
The SC198A uses a single control logic block for the two
converters, but their controls can be set independently.
The device uses a flexible clocking method allowing the
user to set the fixed internal 1MHz oscillator or synchro-
nize the clock to an external source. The device also has an
optional power-save mode that optimizes efficiency for
light loads.
The SC198A provides output voltage flexibility while con-
serving board space by using control pins to select the
output voltage. This eliminates at least four parts from the
traditional dual buck converter bill of materials.
Typical Application Circuit
September 26, 2007
4.7μH
4.7μH
VINA
VINR
VINB
ENA
CTLA0
CTLA1
CTLA2
ENB
CTLB0
CTLB1
CTLB2
LXA
VOUTA
GNDA
LXB
VOUTB
GNDB
MODE/SYNC
GNDR
CIN
COUTA
COUTB
SC198A
VOUTA
VOUTB
VBATT


Similar Part No. - SC198AEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC198 SEMTECH-SC198 Datasheet
406Kb / 16P
Dual DC-DC Buck Converter with High Current Capability
SC198 SEMTECH-SC198 Datasheet
404Kb / 16P
Dual DC-DC Buck Converter with High Current Capability
SC198EVB SEMTECH-SC198EVB Datasheet
406Kb / 16P
Dual DC-DC Buck Converter with High Current Capability
SC198EVB SEMTECH-SC198EVB Datasheet
404Kb / 16P
Dual DC-DC Buck Converter with High Current Capability
SC198MLTRT SEMTECH-SC198MLTRT Datasheet
406Kb / 16P
Dual DC-DC Buck Converter with High Current Capability
More results

Similar Description - SC198AEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC198 SEMTECH-SC198 Datasheet
406Kb / 16P
Dual DC-DC Buck Converter with High Current Capability
logo
Linear Technology
LTC3443 LINER-LTC3443 Datasheet
201Kb / 16P
High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
DC/DC Buck Converter
logo
Semtech Corporation
SC198 SEMTECH-SC198_07 Datasheet
404Kb / 16P
Dual DC-DC Buck Converter with High Current Capability
logo
Linear Technology
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
High Current Micropower Synchronous Buck-Boost DC/DC Converter
logo
Leshan Radio Company
LR2596 LRC-LR2596 Datasheet
154Kb / 7P
150KHz, 3A PWM Buck DC/DC Converter TTL shutdown capability
logo
Linear Technology
LTC3443 LINER-LTC3443_15 Datasheet
233Kb / 16P
High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441_15 Datasheet
233Kb / 16P
High Current Micropower Synchronous Buck-Boost DC/DC Converter
logo
List of Unclassifed Man...
XL4501 ETC2-XL4501 Datasheet
396Kb / 16P
5A 150KHz 36V Buck DC/DC Converter With Constant Current Loop
logo
Bookly Micro electronic
NCM0450HV BOOKLY-NCM0450HV Datasheet
921Kb / 6P
DC-DC BUCK CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com