Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC198AEVB Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC198AEVB
Description  Dual DC-DC Buck Converter with High Current Capability
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC198AEVB Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC198AEVB Datasheet HTML 7Page - Semtech Corporation SC198AEVB Datasheet HTML 8Page - Semtech Corporation SC198AEVB Datasheet HTML 9Page - Semtech Corporation SC198AEVB Datasheet HTML 10Page - Semtech Corporation SC198AEVB Datasheet HTML 11Page - Semtech Corporation SC198AEVB Datasheet HTML 12Page - Semtech Corporation SC198AEVB Datasheet HTML 13Page - Semtech Corporation SC198AEVB Datasheet HTML 14Page - Semtech Corporation SC198AEVB Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SC198A
11
In PSAVE mode (see Figure 1), VOUT regulation is con-
trolled by bursts in switching. While the output voltage is
between the low and high voltage thresholds, switching
is stopped to reduce loss. When the voltage drops to the
lower threshold, the switch bursts at a fixed on time until
the upper threshold is reached. At this point the output
voltage is allowed to ramp down to the lower threshold
without switching to conserve power. In the PSAVE mode,
less switching is used. This results in less power loss which
can be seen in the difference of efficiency between PWM
mode and PSAVE mode at light loads.
Lower
Thershold
Limit
Upper
Thershold
Limit
PSAVE Mode at
Moderate Load
PWM Mode at
High Load
PSAVE
Exit
Threshold
BURST
OFF
Higher Load
Applied
0A
Inductor
Current
Time
VOUT
BURST
OFF
BURST
PWM Mode
PSAVE Mode at
High Load
Figure 1 — PSAVE Operation
The PSAVE switching burst frequency is controlled such
that the inductor current ripple during the burst is similar
to that in PWM mode.
The SC198A automatically detects when to exit PSAVE
mode. The device sets a maximum peak current in PSAVE
mode, and then detects when VOUT falls due to the load
increasing above the level that the peak current will
support.
For the SC198A to exit PSAVE mode, the load must be
increased, which causes VOUT to decrease until the PSAVE
exit threshold is reached. PSAVE levels are set high to
minimize the undershoot when the SC198A exits PSAVE.
Figure 1 shows PSAVE mode operation and exiting into
PWM mode at increased load.
Protection Features
The SC198A provides the following protection features:
Thermal Shutdown
Current Limit
Over-Voltage Protection
Soft-Start
Thermal Shutdown
The SC198A has a thermal shutdown feature to protect
against damage if the junction temperature exceeds
145°C. In thermal shutdown, the on-chip power devices
are disabled, tri-stating the LX output. Switching resumes
when the temperature drops by 10°C. During this time, if
the output voltage decreases by more than 60% of its
programmed value, a soft-start will be invoked.
Current Limit
The internal power devices are protected by current limit
functions. In the event of a short to ground on the output,
the part enters frequency foldback mode. This causes the
switching frequency to decrease by a factor determined
by the output voltage. This prevents the inductor current
from staircasing.
Over-Voltage Protection
In the event of an over-voltage on the output in switcher
mode, the PWM drive is disabled, effectively tri-stating
the LX output. The part will not resume switching until
the output voltage has fallen below 2% of the regulation
voltage.
Soft-Start
The soft-start mode operates by limiting the current
through the inductor and controlling the switching fre-
quency. The current limit is increased over several
milliseconds in discrete steps. This has the desired effect
of limiting in-rush current from the input supply. The soft-
start mode is cancelled once the output reaches
regulation. Soft-start is only re-enabled by power cycling,
toggling enable, a UVLO event, or shutdown.
•
•
•
•
Application Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com