Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC198AEVB Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC198AEVB
Description  Dual DC-DC Buck Converter with High Current Capability
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC198AEVB Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC198AEVB Datasheet HTML 6Page - Semtech Corporation SC198AEVB Datasheet HTML 7Page - Semtech Corporation SC198AEVB Datasheet HTML 8Page - Semtech Corporation SC198AEVB Datasheet HTML 9Page - Semtech Corporation SC198AEVB Datasheet HTML 10Page - Semtech Corporation SC198AEVB Datasheet HTML 11Page - Semtech Corporation SC198AEVB Datasheet HTML 12Page - Semtech Corporation SC198AEVB Datasheet HTML 13Page - Semtech Corporation SC198AEVB Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SC198A
10
Detailed Description
The SC198A is a dual step-down, pulse-width modulated
DC-DC converter with programmable output voltage and
power-save mode. This device has a 1MHz internal oscil-
lator that can be used during forced PWM mode or
power-save mode (PSAVE).
Operation
During normal operation, the PMOS switch is activated on
each rising edge of the internal oscillator. Current feed-
back for the switching regulator is through the PMOS
current path, and it is amplified and summed with the
internal slope compensation network. The voltage feed-
back loop uses an internal feedback divider. The on-time
is determined by comparing the summed current feed-
back and the output of the error amplifier. The period is
set by the onboard oscillator or by an external clock
attached to the MODE/SYNC pin. When synchronizing to
an external frequency, the SC198A operates in PWM mode
only. The device has an internal synchronous NMOS recti-
fier and does not require a Schottky diode on the LX pin.
The device is designed to operate as a buck converter in
PWM mode with a fixed frequency of 1MHz. At light loads,
the part can enter PSAVE mode to maximize efficiency.
Output Filter
The SC198A converter also has internal loop compensa-
tion. The internal compensation is designed to work with
a specific output filter corner frequency defined by the
equation
OUT
C
C
L
2
1
f
When selecting output filter components, the LC product
should not vary over a wide range. The practical lower
limit for the inductor value is 4.7μH to ensure system sta-
bility. Selection of smaller inductor and capacitor values
will shift the corner frequency higher, which may impact
stability. The internal compensation is designed to
operate with a single-pole output filter where L = 4.7μH
and COUT = 10μF.
Programmable Output Voltage
The SC198A has three control pins per output to allow
selection of a voltage level from eight predetermined
output voltage levels (see Table 1). CAUTION — All CTL
pins much be pulled high or low for proper operation
(they must not be allowed to float). The output voltage
can be selected while the device is enabled and loaded.
Table 1 — Output Voltage Options
Programmable Output Voltage
CTLA2/B2
CTLA1/B1
CTLA0/B0
Nominal Output
Voltage (V)
AB
0
0
0
1.0
1.8
0
0
1
1.1
2.2
0
1
0
1.2
2.5
0
1
1
1.3
2.7
1
0
0
1.4
2.8
1
0
1
1.5
2.9
1
1
0
1.6
3.0
1
1
1
1.8
3.3
Continuous Conduction and Oscillator
Synchronization
The SC198A is designed to operate in continuous con-
duction mode, where it maintains a fixed frequency.
When the MODE/SYNC pin is tied high, the part runs
under control of the internal oscillator in PWM mode. The
part can be synchronized to an external clock by con-
necting a clock signal to the MODE/SYNC pin. The part
synchronizes to the rising edge of the clock.
Power-Save Mode Operation
The SC198A has a power-save mode (PSAVE) which may
be selected by tying the MODE/SYNC pin to GND.
Selecting PSAVE mode enables automatic activation of
PSAVE mode at light loads, thus maximizing efficiency
across the full load range. The device will automatically
detect the load current at which it should enter PSAVE
mode. The device is optimized to track maximum
efficiency.
Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com