Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC198AEVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC198AEVB
Description  Dual DC-DC Buck Converter with High Current Capability
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC198AEVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC198AEVB Datasheet HTML 3Page - Semtech Corporation SC198AEVB Datasheet HTML 4Page - Semtech Corporation SC198AEVB Datasheet HTML 5Page - Semtech Corporation SC198AEVB Datasheet HTML 6Page - Semtech Corporation SC198AEVB Datasheet HTML 7Page - Semtech Corporation SC198AEVB Datasheet HTML 8Page - Semtech Corporation SC198AEVB Datasheet HTML 9Page - Semtech Corporation SC198AEVB Datasheet HTML 10Page - Semtech Corporation SC198AEVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SC198A
7
Typical Characteristics
Efficiency vs. Load at V
IN = 2.7V, Side A
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Load (A)
VOUT = 1.8V PSAVE
VOUT = 1.0V PSAVE
VOUT = 1.8V PWM
VOUT = 1.0 PWM
Efficiency vs. Load at V
IN = 5.5V, Side A
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Load (A)
VOUT = 1.8V PSAVE
VOUT = 1.0V PSAVE
VOUT = 1.8V PWM
VOUT = 1.0 PWM
Efficiency vs. Load at V
IN = 5.5V, Side B
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Load (A)
VOUT = 1.8V PSAVE
VOUT = 1.0V PSAVE
VOUT = 1.8V PWM
VOUT = 1.0 PWM
Load Regulation — V
OUT=1.8V, VIN=3.6V
-3
-2
-1
0
1
2
3
0.001
0.01
0.1
1
Load (A)
VOUT = 1.8V PWM
VOUT = 1.0 PWM
Line Regulation at 300mA
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
2.7
3.263.824.384.94
5.5
Input (V)
VOUT = 1.8V PWM
VOUT = 1.0 PWM
Efficiency vs. Load at V
IN = 3.6V, Side A
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Load (A)
VOUT = 1.8V PSAVE
VOUT = 1.0V PSAVE
VOUT = 1.8V PWM
VOUT = 1.0 PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com