Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC198AEVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC198AEVB
Description  Dual DC-DC Buck Converter with High Current Capability
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC198AEVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC198AEVB Datasheet HTML 7Page - Semtech Corporation SC198AEVB Datasheet HTML 8Page - Semtech Corporation SC198AEVB Datasheet HTML 9Page - Semtech Corporation SC198AEVB Datasheet HTML 10Page - Semtech Corporation SC198AEVB Datasheet HTML 11Page - Semtech Corporation SC198AEVB Datasheet HTML 12Page - Semtech Corporation SC198AEVB Datasheet HTML 13Page - Semtech Corporation SC198AEVB Datasheet HTML 14Page - Semtech Corporation SC198AEVB Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
SC198A
12
Inductor Selection
The SC198A was designed for optimum performance
when using a 4.7μH inductor. The magnitude of the
inductor current ripple is dependent on the inductor value
and is determined by the equation
IN
OUT
osc
OUT
L
V
V
1
f
L
V
I
This equation demonstrates the relationship between
input voltage, output voltage, and inductor ripple current.
The inductor should also have a low DCR to minimize the
conduction losses and maximize efficiency. The minimum
DC current rating of the inductor should be equal to the
maximum load current plus half of the inductor current
ripple as shown by the equation
2
I
I
I
L
OUT(MAX)
L(Peak)
Final inductor selection will depend on various design
considerations such as efficiency, EMI, size, and cost. Table
2 lists some manufacturers of practical inductor options.
Table 2 — Recommended Inductors
Manufacturer/
Part No.
Value
(μH)
DCR
(Ω)
Rate
Current
(A)
Tolerance
(+%)
Dimensions
LxWxH
(mm)
Coilcraft
LPO6610-472ML
4.7
0.20
1.1
±20
6.60 × 5.50 × 1.10
Coilcraft
1812PS-472KLB
4.7
0.11
2.10
±20
5.87 × 4.89 × 3.81
Coilcraft
D01608C-472ML
4.7
0.09
1.5
±20
6.60 × 4.50 × 13.0
Capacitor Selection
Input Capacitor
The source input current to a buck converter is non-con-
tinuous. To prevent large input voltage ripple a low ESR
ceramic capacitor is required. A minimum value of 4.7μF
should be used for sufficient input voltage filtering and a
22μF MLCC may be used for optimum input voltage
filtering.
Applications Information (continued)
Output Capacitor
Output voltage ripple is dominated by the filter capaci-
tance ESR as shown in the equation
V
OUT(P-P)
= DI
L
× ESR
COUT
Capacitors with X7R or X5R ceramic dielectric are strongly
recommended for their low ESR and superior temperature
and voltage characteristics. Y5V capacitors should not be
used as their temperature coefficients make them unsuit-
able for this application.
When selecting capacitors for the application, first con-
sider the DC voltage characteristic of the capacitor. The
capacitance value at the DC operating voltage may be
considerably lower than the rated value. Table 3 lists rec-
ommended capacitor values which have been chosen to
minimize the impact of this limitation. A 10μF ceramic
capacitor is the minimum recommended value for the
output filter capacitor. It is important to ensure the capaci-
tor value does not drop below 9μF for the operating range
of the application.
Table 3 — Recommended Capacitors
Manufacturer/
Part No.
Value
(μF)
Rated
Voltage
(VDC)
Type
Case
Size
Murata
GRM21BR60J226ME39
22
6.3
X5R
0805
Murata
GRM188R60J106ME47
10
6.3
X5R
0603
Murata
GRM21BR60J106KE01B
10
6.3
X5R
0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com