Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC198AEVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC198AEVB
Description  Dual DC-DC Buck Converter with High Current Capability
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC198AEVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC198AEVB Datasheet HTML 1Page - Semtech Corporation SC198AEVB Datasheet HTML 2Page - Semtech Corporation SC198AEVB Datasheet HTML 3Page - Semtech Corporation SC198AEVB Datasheet HTML 4Page - Semtech Corporation SC198AEVB Datasheet HTML 5Page - Semtech Corporation SC198AEVB Datasheet HTML 6Page - Semtech Corporation SC198AEVB Datasheet HTML 7Page - Semtech Corporation SC198AEVB Datasheet HTML 8Page - Semtech Corporation SC198AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SC198A
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
Tested according to JEDEC standard JESD22-A114-B.
(2)
Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Unless otherwise noted: V
IN
= 3.6V, V
MODE/SYNC
= V
IN
, L = 4.7μH, C = 10μF, T
A
= -40°C to +85°C. Typical values are at T
A
= 25°C for both outputs.
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage Range
V
IN
V
OUT
= 1.8V
2.7
5.5
V
V
OUT
= 3.3V
4.0
5.5
V
OUT
Accuracy(1)
ΔV
OUT
I
OUT
= 10mA to 800mA , V
IN ≥
0.7V + V
OUT
-3
3
%
Line Regulation
ΔV
LINE
V
IN
= 2.7 to 5.5V, V
OUT
= 1.8V, I
OUT
= 300mA
0.2
%/V
V
IN
= 4.0 to 5.5V, V
OUT
= 3.3V, I
OUT
= 300mA
Load Regulation
ΔV
LOAD
I
OUT
= 10mA to 800mA, V
OUT
= 1.8V
0.0008
%/mA
I
OUT
= 10mA to 800mA, V
OUT
= 3.3V, V
IN
= 5.0V
Minimum Duty Cycle
DC
MIN
18
%
LXA, LXB Current Limit
I
LIM
1.2
A
Quiescent Current
I
Q
I
OUT
= 0mA, SYNC = 0, ENA, ENB = V
IN
50
μA
Shutdown Current
I
SD
V
ENA
, V
ENB
= 0, LXA, LXB = Open
0.1
1
μA
LXA and LXB
Leakage Current
I
LXA
, I
LXB
V
IN
= 5.5V, V
LX
= 0V, PMOS
0.1
1
μA
V
IN
= 5.5V, V
LX
= V
IN
, NMOS
-2
0.1
μA
P-Channel On Resistance
R
DSP
I
LXA
, I
LXB
= 100mA
0.35
Ω
Absolute Maximum Ratings
V
IN
(V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +7
V
OUT
(V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to V
IN
+0.3
V
LXA
and V
LXB
(V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-1 to V
IN
+1
Pin Voltage - All Other Pins (V) . . . . . . . . . -0.3 to (V
IN
+ 0.3)
Output Short Circuit to GND Duration . . . . . Continuous
LXA and LXB Currents (A). . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Ambient Temperature Range (°C) . . . . . . . . . . . . . -40 to +85
V
IN
(V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7 to 5.5
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) . . . . 31
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +150
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com