Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT9480
Description  8-Bit Numerical Pager Controller MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
HT9480
Rev. 1.20
9
July 31, 2002
Of the four functional groups, the special function regis-
ters of bank 0 consist of an indirect addressing registers
(IAR0;00H, IAR1;02H), memory pointer registers
(MP0;01H, MP1;03H), a memory bank pointer register
(BP;04H), an accumulator (ACC;05H), a program coun-
ter low byte register (PCL;06H), a table pointer
(TBLP;07H), a table high-order part register
(TBLH;08H), a Watchdog Timer option setting register
(WDTS;09H), a status register (STATUS;0AH), an inter-
rupt control register (INTC;0BH), a programmable timer
counter (TMR0;0DH), a programmable timer counter
control register (TMRC0;0EH), a timer/event counter
(TMR1;10H), a timer/event counter control register
(TMRC1;11H), an input port, two I/O ports (PA;12H,
PB;14H, PC;16H), two I/O control register (PBC;15H,
PCC;17H), a tone control register (1DH), a pager con-
trol register (1EH), and a pager data register (1FH). The
special function registers are located from 00H to 1FH
whereas the 32 global data registers are from 20H to
3FH, where each bank points to the same location. The
other spaces, namely 0CH, 0FH, 13H, the high nibble of
16H, 17H, and 18H~1CH, are all reserved for future ex-
pansion usage; reading these locations will get an
²00H² value.
On the other hand, the general purpose data memory,
divided into three banks (bank 0, bank 1, and bank 27),
is used for data, control information, and LCD display
control under instruction commands. The banks in the
RAM are all addressed from 40H to FFH, and are se-
lected by setting the value (
²00H²: bank 0; ²01H²: bank
1;
²1BH²: bank 27) of the bank pointer (BP;04H). The
bank27 memory is used for LCD display mapping and
the decoder configuration RAM mapping. The spaces
from 4FH to BFH and from E3H to FFH, and the high
nibble part from C0H to E2H in bank 27 are all reserved
for future expansion usage; reading these locations will
derive
²00H².
The special registers, global data registers and general
data memory can directly perform arithmetic, logic, in-
crement, decrement, and rotate operations. Each bit in
the RAM can be set and reset by
²SET [m].i² and ²CLR
[m].i
², and can also be indirectly accessible through the
memory pointer registers (MP0;01H, MP1;03H).
Of the special addresses, 1DH and 1FH cannot directly
do all these operations, because they are not read and
write accessible addresses. 1DH is a write-only ad-
dress, 1FH a read-only address, but these two ad-
dresses namely, 1DH and 1FH can only perform
operations by using the
²MOV² instruction.
Indirect addressing register
IARx (IAR0;00H, IAR1;02H) are indirect address regis-
ters that are not physically implemented. Any read/write
operation of the IARx accesses the data memory
pointed to by MPx (MP0;01H, MP1;03H). Reading the
indirect addressing register itself will indirectly derive
00H, while writing the indirect addressing register indi-
rectly will lead to no operations. (IAR0, MP0) is indirectly
addressable in bank 0, but (IAR1, MP1) is available for
all banks.
Accumulator
- ACC
The accumulator (ACC) relates to the ALU operations. It is
also mapped to location 05H of the data memory and is ca-
pable of carrying out immediate data operations. Data
movement between these two data memories has to pass
through the ACC.
Arithmetic and logic unit
- ALU
This circuit performs 8-bit arithmetic and logic opera-
tions, and provides the following functions:
· Arithmetic operation (ADD, ADC, SUB, SBC, DAA)
· Logic operation (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment and decrement (INC, DEC)
· Branch decision (SZ, SNZ, SIZ, SDZ, etc.)
The ALU not only saves the results of data operation,
but also changes the contents of the status register.
Status register
- STATUS
The status register (0AH) is 8-bit wide. It contains a zero
flag (Z), a carry flag (C), an auxiliary carry flag (AC), an
overflow flag (OV), a powerdown flag (PD), and a WDT
time-out flag (TO). The status register not only records the
status information, but also controls the operation se-
quence.
The status register, like most other registers, can be al-
tered by instructions except for the TO and PD flags.
Any data written into the status register will not change
TO or PD. It should be noted that operations related to
the status register may derive different results from
those intended. For example, clearing the status regis-
ter CLR [0AH] has no effect on the TO and PD flags, and
the value of the zero flag is also
²1², i.e., UU0100 is the
data in the register, where the value of U is an un-
changed value.
The Z, OV, AC, and C flags generally reflect the status of
the latest operations.
On entering an interrupt sequence or executing a sub-
routine call, the status register will not be automatically
pushed onto the stack. If the contents of the status is im-
portant, and if the subroutine may corrupt the status reg-
ister, the programmer should take precautions to save it
properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com