Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT9480
Description  8-Bit Numerical Pager Controller MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
HT9480
Rev. 1.20
18
July 31, 2002
B i t
C O M
0
1
2
3
4
5
6
7
8
9 1 0 1 1 1 2 1 3 1 4 1 5
1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1
0
1
2
3
0
1
2
3
S E G M E N T
A d d r e s s
3 2 3 3 3 4
B i t
C O M
0
1
2
3
0
1
2
3
S E G M E N T
A d d r e s s
Display memory
Pager decoder
The pager decoder is a POCSAG code pager decoder
at 512, 1200, or 2400 bps data rate, compatible with
CCIR radio paging Code No.1 (POCSAG Code). The
decoder supports six user addresses and six independ-
ently programmable user frames.
The operation of the decoder is controlled by a pager
control address (1EH) in conjunction with a pager data
address (1FH). Upon receipt of a valid call the data
ready interrupt is generated.
· The POCSAG paging code
The CCIR Radio paging Code No.1 (POCSAG Code)
is constructed according to the following rules:
A transmission consists of a preamble followed by a
batch of complete code words. Each batch begins
with a synchronization codeword (SC). The format of
the signal is illustrated in the following Figure.
Each transmission begins with a preamble to achieve
bit synchronization. The preamble is a pattern of one
and zero; 10101010... repeated for a period of at least
576 bits.
Codewords are transmitted in batches. Each batch
consists of a synchronization codeword followed by 8
frames. Each frame consists of 2 codewords. The
eight frames are numbered 0 through 7. All pagers are
similarly divided into 8 groups. Each pager is assigned
to one of the 8 frames according to the 3 least signifi-
cant bits (LSB) of its 21-bit identity code (address).
The 3 bits are called
²Receiver Identity Code² (RIC).
A codeword is either an address or a message code-
word. Idle codewords are transmitted to fill in empty
batches or to separate messages.
An address codeword is coded as shown above. Of
the 21 bits of user addresses, 18 bits are coded in the
codeword itself (bits 2 to 19), which is protected
against transmission errors by a number of CRC
checkbits (bits 22 to 31). Bit 32 is an overall
even-parity bit.
C O M 0
C O M 1
C O M 2
C O M 3
S E G 0
S E G 1
V L C D
2 / 3 V L C D
1 / 3 V L C D
G N D
V L C D
2 / 3 V L C D
1 / 3 V L C D
G N D
V L C D
2 / 3 V L C D
1 / 3 V L C D
G N D
V L C D
2 / 3 V L C D
1 / 3 V L C D
G N D
V L C D
2 / 3 V L C D
1 / 3 V L C D
G N D
V L C D
2 / 3 V L C D
1 / 3 V L C D
G N D
T
LCD timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com