Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT9480
Description  8-Bit Numerical Pager Controller MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT9480 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
Pin No
Pin Name
I/O
Function
35~38
COM3~COM0
O
Outputs for LCD panel common connections
66
TSC
I
MCU test mode input pin, active low with pull-high resistor
75
TS
I
Decoder test mode input pin, active low with a pull-high resistor
69
BAL
I
Battery low indication input, active high without pull-high resistor
70
DI
I
POCSAG code input serial data (inverting or non-inverting as determined
by SPF32). CMOS input without pull-high resistor
71
BS1
O
Pager receiver power control enable output, CMOS output
72
BS2
O
RF dc level adjustment pin, CMOS output
73
BS3
O
PLL control pin, CMOS output
74
FOUT
O
Frequency reference output pin
The FOUT output pin produces a 76.8kHz/153.6kHz signal with a 1/2 duty
cycle reference frequency if a 76.8kHz crystal is used.
Absolute Maximum Ratings
Supply Voltage .........................................
-0.3V to 5.5V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-25°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾ 3V application
2.4
3.0
3.3
V
IDD
Operating Current
3V
No load, fsys=153.6kHz
¾
300
¾mA
ISTB1
Standby Current 1
3V
No load, System HALT
(Watchdog ON)
¾
200
¾mA
ISTB2
Standby Current 2
3V
No load, System HALT
(Watchdog OFF)
¾¾
1
mA
VIL
Input Low Voltage for Input Port and I/O
Port
3V
¾
0
¾
1V
VIH
Input High Voltage for Input Port and I/O
Port
3V
¾
2.4
¾
3V
VIL1
Input Low Voltage (RES,TMR1,BAL)
3V
¾
0
¾
1V
VIH1
Input High Voltage (RES,TMR1,BAL)
3V
¾
2.4
¾
3V
VIL2
Input Low Voltage (BAF)3V
¾
0
¾
0.9
V
VIH2
Input High Voltage (BAF)3V
¾
1.3
¾
3V
IOL
I/O Port Sink Current
3V
VOL=0.3V
1.7
3.4
¾
mA
IOH
I/O Port Source Current
3V
VOH=2.7V
-1
-1.9
¾
mA
IOL
Segment 0-34 Output Sink Current
3V
VOL=0.3V
20
44
¾mA
IOH
Segment 0-34 Output Source Current
3V
VOH=2.7V
-20
-38
¾mA
HT9480
Rev. 1.20
4
July 31, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com