Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT9480
Description  8-Bit Numerical Pager Controller MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
HT9480
Rev. 1.20
11
July 31, 2002
Once the data ready interrupt is triggered, the stack is
not full, and the EMI bit is set, a subroutine call to loca-
tion 04H will occur. The related interrupt request flag
(EIF) will, however, be reset, and the EMI bit cleared to
disable further interrupts. This interrupt should be pro-
cessed carefully if the battery fail interrupt is activated
as well.
The battery fail interrupt, on the other hand, is triggered
by a high to low transition on BAF. When the battery fail
interrupt is enabled, the stack is not full, and the interrupt
request flag (EIF; bit 4 of INTC) is set, a subroutine call
to location 04H will occur. The related interrupt request
flag (EIF) will also be reset, and the EMI bit be cleared to
disable other interrupts.
The programmable timer interrupt is automatically trig-
gered at a rate of 256Hz/N (where the value of N ranges
from 1 to 256), and then the interrupt request flag (T0F;
bit 5 of INTC) is set. When the timer interrupt is enabled,
the stack is not full, and the programmable timer inter-
rupt is activated, a subroutine call to location 08H will oc-
cur. Then, the related interrupt request flag (T0F) will be
reset, and the EMI bit cleared to disable other inter-
rupts.
The timer/event counter interrupt is initialized by setting
the timer/event counter interrupt request flag (T1F; bit 6
of INTC), which is normally caused by a timer overflow.
When the interrupt is enabled, the stack is not full, and
the T1F bit is set, a subroutine call to location 0CH will
occur. The related interrupt request flag (T1F) will be re-
set, and the EMI bit cleared to disable further interrupts.
During the execution of an interrupt subroutine, other in-
terrupt acknowledgments are all held until the
²RETI²
instruction is executed, or the EMI bit and the related in-
terrupt control bit are both set to 1 (if the stack is not full).
To return from the interrupt subroutine, a
²RET² or
²RETI² instruction may be invoked. RETI will set the
EMI bit to enable an interrupt service, but RET will not.
The interrupts are serviced between the rising edges of
the two adjacent T2 clocks. In case of simultaneous re-
quests, the following table shows the priority that is ap-
plied. These can be masked by resetting the EMI bit.
NO.
Interrupt Source
Priority
Vector
a
Data ready interrupt and
battery fail interrupt
1
04H
c
Programmable timer in-
terrupt
2
08H
d
Timer/event counter over-
flow
3
0CH
The programmable timer interrupt request flag (T0F),
timer/event counter interrupt request flag (T1F), data
ready interrupt and battery fail interrupt request flag
(EIF), enable timer/event counter bit (ET1I), enable data
ready interrupt bit (EEI), and enable programmable
timer interrupt bit (ET0I) make up the register INTC
which is located at 0BH in the data memory. The EEI,
ET0I, ET1I, and EMI bits are all used to control the en-
able/disable status of the interrupts, preventing the re-
quested interrupt from being serviced. Once the
interrupt request flags (T0F, T1F, and EIF) are set, they
will remain in the INTC register until the interrupts are
serviced or cleared by a software instruction.
A
²CALL subroutine² in the interrupt subroutine should
be used. This is because interrupts often occur in an un-
predictable manner or need to be immediately serviced
in some applications. During this time, if only one stack
is left, and enabling the interrupt is not well controlled,
the operation of a
²CALL subroutine² in the interrupt ser-
vice routine is quite likely to upset the original control se-
quence.
Oscillator configuration
The system core and the pager subsystem of the
HT9480 are clocked by different oscillators. The system
oscillator can be either a crystal or an RC type. The sub-
system low power oscillator, on the other hand, is a crys-
tal type which is designed with the power on start-up
function to reduce the stabilization time of the oscillator.
This start-up function is enabled by PC2 which is initially
set high at power on reset, and should be cleared so as
to enable the low-power oscillator function. The oscilla-
tor configuration is running in the low power mode.
The system oscillator can be configured as either an RC
or crystal type of oscillator, determined by mask option.
No matter what kind of oscillator type is selected, the
signal provides a system clock. The system clock may
also be externally connected. The HALT mode stops the
system oscillator and ignores external signals to con-
serve power.
If the system oscillator is an RC type oscillator, an exter-
nal resistor between OSC1 and OSC2 is required. The
system clock is available on OSC2, which can be used
X 1
X 2
V S S
P C 2
H T 9 4 8 0
C r y s t a l c o n n e c t i o n
( L o w p o w e r m o d e c o n t r o l )
V D D
X 1
X 2
Low power oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com