Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT9480
Description  8-Bit Numerical Pager Controller MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 25Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 26Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 27Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 28Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 29Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 30Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 31Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 32Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
Application Circuits
Application Circuit 1
HT9480
Rev. 1.20
29
July 31, 2002
B A L
H T 9 4 8 0
V D D
X 1
X 2
C O M 0 ~ 3
S E G 0 ~ 3 4
V S S
T M R 1
B Z
P B 3
P B 1
P A 0
P A 1
P A 2
R E S
. O U T
O S C 1
O S C 2
3 V
B S 3
B S 2
B S 1
1 . 5 V
P B 2
P B 4
1 . 5 V
3 V
D I
R e c e i v e r
V D D
V S S
C S
S K
D I
D O
E E P R O M
V S S
V S S
D C / D C
L X
O U T
+
-
P C 1
P C 0
M
1 . 5 V
7 6 . 8 k H z
P A 3 ~ P A 6
B A .
L C D 3 5 x 4 d o t s
1 / 3 B i a s
1 / 4 D u t y
T S
S W 3
S W 2
S W 1
3 V
1 . 5 V
P i e z o
2 . 7 k H z
1 . 5 V
3 V
3 V
T S C
1 . 5 V
7 6 . 8 k H z / 1 5 3 . 6 k H z
P B 0
P B 5 ~ P B 7
4 7 0 m H
4 7 m .
1 0 0 m .
0 . 1 m .
0 . 1 m .
1 k W
1 k W
6 8 0 W
0 . 1 m .
5 1 0 W
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com