Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT9480
Description  8-Bit Numerical Pager Controller MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
HT9480
Rev. 1.20
13
July 31, 2002
the WDT. In the case that
²CLR WDT1² and ²CLR
WDT2
² are chosen (i.e., CLRWDR times equal two),
these two instructions should be executed to clear the
WDT; otherwise, the WDT may reset the chip due to a
time-out.
Powerdown operation
- HALT
The HALT mode is initialized by the
²HALT² instruction
and results in the following.
The system turns off. The low power oscillator, tone
generator, LCD driver, pager decoder, and WDT oscilla-
tor all keep running (if the WDT oscillator is selected).
The contents of the on chip RAM and of the registers re-
main unchanged.
The WDT and the WDT prescaler are cleared and
counted again (if the WDT clock is from the WDT oscilla-
tor).
All the I/O ports remain in their original status.
The PD flag is set but the TO flag is cleared.
The system can quit the HALT mode by an external re-
set, an interrupt, an external falling edge signal on port
A, or a WDT overflow. An external reset leads to device
initialization and the WDT overflow performs a
²warm
reset
². After the TO and PD flags are examined, the rea-
son for the chip reset is determined. The PD flag that is
cleared on power-up is set after the
²HALT² instruction
is executed. The TO flag is set when the WDT time-out
occurs, which causes a wake-up that resets only the PC
and SP, and leaves the others in their original status.
The port A wake-up and interrupt methods can be con-
sidered as a continuation of normal execution. Every bit
in port A can be independently selected to wake up the
device by mask option. Awakening from an I/O port stim-
ulation, the program resumes execution of the next in-
struction. However, if the program awakens from an
interrupt, two sequences may occur. The program will
resume execution at the next instruction if the related in-
terrupt(s) is (are) disabled or the interrupt(s) is (are) en-
abled but the stack is full. A regular interrupt response,
on the other hand, may take place if the interrupt is en-
abled and the stack is not full.
If the wake-up event(s) occurs and the wake-up results
from an interrupt acknowledge, the actual interrupt sub-
routine execution is delayed by one or more cycles. On
the other hand, if the wake-up brings about the following
instruction execution, the actual interrupt subroutine is
executed immediately after the dummy period is com-
pleted.
To minimize power consumption, the I/O pins should all
be carefully managed before entering the HALT status.
Reset
There are five ways in which a reset can occur:
· Power on reset (POR)
· RES reset during normal operation
· RES reset during HALT
· WDT time-out reset during normal operation
· WDT time-out reset during HALT
The WDT time-out during HALT is different from other
chip reset conditions, since it can perform a
²warm re -
set
² that just resets the PC and SP, leaving the other cir-
cuits to keep their state. Some registers remain un-
changed during other reset conditions. Most registers
are reset to the
²initial condition² when the reset condi-
tions are met. By examining the PD and TO flags, the
program can distinguish between different
²chip resets².
TO
PD
RESET Conditions
0
0
Power on reset
u
u
RES reset during normal operation
0
1
RES wake-up HALT
1
u
WDT time-out during normal operation
1
1
WDT wake-up HALT
Note:
²u² means ²unchanged²
8 - b i t C o u n t e r
7 - b i t C o u n t e r
W S 0 ~ W S 2
8 - t o - 1 M U X
W D T T i m e - o u t
W D T P r e s c a l e r
S y s t e m C l o c k / 4
M a s k
O p t i o n
S e l e c t
W D T C L K
Watchdog Timer
R E S
V D D
Reset circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com