Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT9480
Description  8-Bit Numerical Pager Controller MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
HT9480
Rev. 1.20
16
July 31, 2002
On the other hand, in the pulse width measurement
mode with the TON bit equal to one, when the TMR1 re-
ceives a transient from low to high (or high to low de-
pending upon the TE bit) it will start counting until the
TMR1 returns to the original level and resets the TON as
well. The measured result will remain in the timer/event
counter even when the activated transient occurs again.
In other words, only one cycle measurement can be
made until the TON is set. The cycle measurement will
re-function as long as further transient pulses are re-
ceived. Note that, in this operation mode, the
timer/event counter starts counting not according to the
logic level but to the transient edges. In the case of
counting overflows, the counter is re-loaded from its
counter preload register and issues an interrupt request,
similar to the other two modes.
To enable the counting operation, the value of the timer
on bit (TON; bit 4 of TMRC0 and TMRC1) is
²1².Inthe
pulse width measurement mode, the TON is automati-
cally cleared after the measurement cycle is completed.
In the other two modes, namely the event count or timer
mode, the TON can be reset only by instructions. The
overflow of the programmable timer counter and of the
timer/event counter can be configured as one of the
wake-up sources. No matter what type of operation
mode is chosen, writinga0to ET0I and ET1I disables
the interrupt service of the programmable timer counter
and the timer/event counter, respectively.
In the case of the programmable timer counter and a
timer/event counter OFF condition, writing data to their
preload registers also reloads that data to their coun-
ters. But if the programmable timer counter or the
timer/event counter is turned on, data written to the
counter is kept only in its preload register, and the coun-
ter still goes on operating until an overflow occurs.
After the counter (reading TMR0 or TMR1) is read, the
clock is blocked to avoid errors. The programmer should
take clock blocking into consideration, since this may re-
sult in timing counting errors.
Programmable tone generator
The programmable tone generator is implemented in
the HT9480. The programmable tone generator con-
tains an 8-stage programmable frequency divider (map-
ping to the 1DH address of the MCU), a 4-stage
programmable frequency prescaler (set by SPF10 and
SPF11), and a frequency source selector (set by
SPF17). When 1DH=00H, the tone generator is dis-
abled and BZ outputs high. But when 1DH is of any
value greater than zero the generator is enabled. The
value of the frequency divider, ranging from 2~256, is al-
ways greater than the assigned value by 1. The output
of the 8-stage divider is divided by 2 to generate an out-
put of (1/2 or 1/4) duty cycle on BZ. The 4-stage pro-
grammable frequency prescaler is shown below.
SPF10
SPF11
Prescaler Divider Factor
00
1
01
2
10
4
11
8
The above setting of the prescaler divider factor is de-
signed for applications on melodies or sound effects.
The frequency source selector is set by SPF17. When
SPF17=0, the value of the frequency source selector is
the system clock. On the other hand, when SPF17=1,
the value of the selector turns out to be 32.768kHz. For
instance, if the desired output of BZ is 2.73kHz, the fre-
quency source is 32.768kHz, the values of SPF10 and
SPF11 are both set to 0, and the value of the program-
mable frequency divider is set to 5.
Input/Output ports
There are 7 input lines, and 10 input/output lines in the
HT9480, which are labeled as PA, and PB; PC (PC0,
PC1). These are mapped to [12H], and [14H]; [16H] of
the data memory, respectively. Port A is an input port
only while Port B and Port C (PC0 and PC1) are
bidirectional I/O ports. For input operation, the ports A,
B, and C are non-latched, i.e., the inputs have to be
ready at the T2 rising edge of the instruction
²MOV A,
[m]
² (m=12H, 14H, 16H). For output operation, data is
latched and then remains unchanged until the output
latch is rewritten.
8 - s t a g e P r o g r a m m a b l e
. r e q u e n c y D i v i d e r
[ 7 : 0 ]
S y s t e m C l o c k
D u t y c o n t r o l l e r
B Z
A d d r e s s 1 D H D a t a B u s [ 7 : 0 ]
S P . 1 0
S P . 1 1
D i v i d e d b y 1 ,
2 , 4 , 8 O p t i o n
3 2 . 7 6 8 k H z
S P . 1 7
S P . 1 7 : 0
S P . 1 7 : 1
B i t 7 B i t 6 B i t 5 B i t 4 B i t 3 B i t 2 B i t 1 B i t 0
1 / 2 d u t y
1 / 4 d u t y
S P . 1 8
Programmable tone generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com