Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT9480
Description  8-Bit Numerical Pager Controller MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 24Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
HT9480
Rev. 1.20
21
July 31, 2002
The function bits (ON, RES) and indication bits (CT, STB, BF,OR,BL and DR) are all used to control the status of the
decoder which is operated through the pager control address as described in the following table.
Symbol
Bit
R/W
Description
ON
0
R/W
On/Off control bit
This bit selects the ON or STANDBY state of the decoder.
0: ON state
1: STANDBY state
RES
1
R/W
Reset output for the decoder core
The MCU has to set the RES bit low and then high after the pager controller is turned on.
CT
2R
Call termination indication bit
This bit decides the call termination status, when a valid code-word is received
0: End of code-word receive
1: Receiving message code-word
STB
3
R
Standby indication bit
When the value of the ON bit is 1, the system goes into the STANDBY state. The
STANDBY state allows the MCU to execute the configuration RAM setting.
BF
4R
Battery fail indication bit
Once the decoder detects that the battery fail interrupt is low, the BF bit will be low but
unlatched.
OR
5R
Out-of-range indication bit
Whenever the decoder detects an out-of-range condition, this bit is cleared low after
end of the programmed out-of-range hold of time that is selected by the configuration
registers (SPF06 and SPF07). The out-of-range indication may be tested for an
out-of-range condition whenever the interface enable of the decoder is active; other-
wise the OR is normally high. The out-of-range indication is set high by detection of a
valid data transmission or by switching the decoder to be in the STANDBY state.
BL
6
R/W
Battery low indication bit
The battery low indication is periodically tested for a battery low condition. If the decoder
encounters a battery low condition the battery low indication bit is cleared low. At this time,
the MCU should set the BL bit high.
DR
7
R/W
Data ready interrupt indication bit
When a valid call is detected, data starts transfer. The DR bit becomes low when the se-
rial data is changed to parallel data (1FH). After reading the parallel data, the MCU soft-
ware has to set the DR bit high.
· Pager data address
The pager data address (1FH) are the parallel data lines for decoder data transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com