Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HYS72T512341HKP Datasheet(PDF) 4 Page - Qimonda AG

Part # HYS72T512341HKP
Description  240-Pin Registered DDR2 SDRAM Modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T512341HKP Datasheet(HTML) 4 Page - Qimonda AG

  HYS72T512341HKP Datasheet HTML 1Page - Qimonda AG HYS72T512341HKP Datasheet HTML 2Page - Qimonda AG HYS72T512341HKP Datasheet HTML 3Page - Qimonda AG HYS72T512341HKP Datasheet HTML 4Page - Qimonda AG HYS72T512341HKP Datasheet HTML 5Page - Qimonda AG HYS72T512341HKP Datasheet HTML 6Page - Qimonda AG HYS72T512341HKP Datasheet HTML 7Page - Qimonda AG HYS72T512341HKP Datasheet HTML 8Page - Qimonda AG HYS72T512341HKP Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Internet Data Sheet
Rev. 1.0, 2006-12
4
11032006-VX0M-M6IH
HYS72T512341H[H/J/K]P-[3.7/5]-B
Registered DDR2 SDRAM Modules
1.2
Description
The Qimonda HYS72T512341H[H/J/K]P–[3.7/5]–B
module
family are Very Low Profile Registered DIMM (with parity)
modules with 18,3 mm height based on DDR2 technology.
DIMMs are available as ECC modules in 512M
×72 (4 GB)
organization and density, intended for mounting into 240-Ball
connector sockets.
The memory array is designed with 512-Mbit Double-Data-
Rate-Two (DDR2) Synchronous DRAMs. All control and
address signals are re-driven on the DIMM using register
devices and a PLL for the clock distribution. This reduces
capacitive loading to the system bus, but adds one cycle to
the SDRAM timing. Decoupling capacitors are mounted on
the PCB board. The DIMMs feature serial presence detect
based on a serial E2PROM device using the 2-ball I2C
protocol. The first 128 bytes are programmed with
configuration data and the second 128 bytes are available to
the customer.
TABLE 2
Ordering Information for RoHS Compliant Products
TABLE 3
Address Format
TABLE 4
Components on Modules
Product Type1)
1) All Product Type numbers end with a place code, designating the silicon die revision. Example: HYS72T512341HJP-3.7-B, indicating Rev.
“B” dies are used for DDR2 SDRAM components. For all Qimonda DDR2 module and component nomenclature see Chapter 6 of this data
sheet.
Compliance Code2)
2) The Compliance Code is printed on the module label and describes the speed grade, for example “PC2–4200P–444–12”, where 4200P
means Registered DIMM modules (Parity bit) with 4.26 GB/sec Module Bandwidth and “444-12” means Column Address Strobe (CAS)
latency = 4, Row Column Delay (RCD) latency = 4 and Row Precharge (RP) latency = 4 using the latest JEDEC SPD Revision 1.2.
Description
SDRAM Technology
PC2–4200
HYS72T512341HHP–3.7–B
4 GB 4R
×4 PC2–4200P–444–12–ZZ
4 Rank ECC
4 GB (
×4)
HYS72T512341HJP–3.7–B
4 GB 4R
×4 PC2–4200P–444–12–ZZ
4 Rank ECC
4 GB (
×4)
HYS72T512341HKP–3.7–B
4 GB 4R
×4 PC2–4200P–444–12–ZZ
4 Rank ECC
4 GB (
×4)
PC2–3200
HYS72T512341HHP–5–B
4 GB 4R
×4 PC2–3200P–333–12–ZZ
4 Rank ECC
4 GB (
×4)
HYS72T512341HJP–5–B
4 GB 4R
×4 PC2–3200P–333–12–ZZ
4 Rank ECC
4 GB (
×4)
HYS72T512341HKP–5–B
4 GB 4R
×4 PC2–3200P–333–12–ZZ
4 Rank ECC
4 GB (
×4)
DIMM Density Module Organization
Memory Ranks ECC/
Non-ECC
# of SDRAMs
# of row/bank/column bits
4 GB
512M
×72
4
ECC
18
×4
14/2/11
Product Type
DRAM Components
DRAM Density
DRAM Organisation
Note
HYS72T512341HHP
HYB18T2G401BHF
512 Mbit
512M
×4
1)
1) For a detailed description of all functionalities of the DRAM components on these modules see the component data sheet.
HYS72T512341HJP
HYS72T512341HKP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com