Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HYS72T512341HKP Datasheet(PDF) 16 Page - Qimonda AG

Part # HYS72T512341HKP
Description  240-Pin Registered DDR2 SDRAM Modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T512341HKP Datasheet(HTML) 16 Page - Qimonda AG

Back Button HYS72T512341HKP Datasheet HTML 12Page - Qimonda AG HYS72T512341HKP Datasheet HTML 13Page - Qimonda AG HYS72T512341HKP Datasheet HTML 14Page - Qimonda AG HYS72T512341HKP Datasheet HTML 15Page - Qimonda AG HYS72T512341HKP Datasheet HTML 16Page - Qimonda AG HYS72T512341HKP Datasheet HTML 17Page - Qimonda AG HYS72T512341HKP Datasheet HTML 18Page - Qimonda AG HYS72T512341HKP Datasheet HTML 19Page - Qimonda AG HYS72T512341HKP Datasheet HTML 20Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Internet Data Sheet
Rev. 1.0, 2006-12
16
11032006-VX0M-M6IH
HYS72T512341H[H/J/K]P-[3.7/5]-B
Registered DDR2 SDRAM Modules
3.4
IDD Specifications and Conditions
List of tables defining
I
DD Specifications and Conditions.
• Table 13 “IDD Measurement Conditions” on Page 16
• Table 14 “Definitions for IDD” on Page 17
• Table 15 “IDD Specification for HYS72T512341H[HJ/K]P–[3.7/5]–B” on Page 18
TABLE 13
I
DD Measurement Conditions
Parameter
Symbol Note
1)2)3)4)5)
Operating Current 0
One bank Active - Precharge;
t
CK = tCK.MIN, tRC = tRC.MIN, tRAS = tRAS.MIN, CKE is HIGH, CS is HIGH between
valid commands. Address and control inputs are SWITCHING, Databus inputs are SWITCHING.
I
DD0
Operating Current 1
One bank Active - Read - Precharge;
I
OUT = 0 mA, BL = 4, tCK = tCK.MIN, tRC = tRC.MIN, tRAS = tRAS.MIN,
t
RCD = tRCD.MIN, AL = 0, CL = CLMIN; CKE is HIGH, CS is HIGH between valid commands. Address and
control inputs are SWITCHING, Databus inputs are SWITCHING.
I
DD1
6)
Precharge Standby Current
All banks idle; CS is HIGH; CKE is HIGH;
t
CK = tCK.MIN; Other control and address inputs are SWITCHING,
Databus inputs are SWITCHING.
I
DD2N
Precharge Power-Down Current
Other control and address inputs are STABLE, Data bus inputs are FLOATING.
I
DD2P
Precharge Quiet Standby Current
All banks idle; CS is HIGH; CKE is HIGH;
t
CK = tCK.MIN; Other control and address inputs are STABLE,
Data bus inputs are FLOATING.
I
DD2Q
Active Standby Current
Burst Read: All banks open; Continuous burst reads; BL = 4; AL = 0, CL = CLMIN; tCK = tCK.MIN;
t
RAS = tRAS.MAX, tRP = tRP.MIN; CKE is HIGH, CS is HIGH between valid commands. Address inputs are
SWITCHING; Data Bus inputs are SWITCHING;
I
OUT = 0 mA.
I
DD3N
Active Power-Down Current
All banks open;
t
CK = tCK.MIN, CKE is LOW; Other control and address inputs are STABLE, Data bus inputs
are FLOATING. MRS A12 bit is set to LOW (Fast Power-down Exit);
I
DD3P(0)
Active Power-Down Current
All banks open; tCK = tCK.MIN, CKE is LOW; Other control and address inputs are STABLE, Data bus inputs
are FLOATING. MRS A12 bit is set to HIGH (Slow Power-down Exit);
I
DD3P(1)
Operating Current - Burst Read
All banks open; Continuous burst reads; BL = 4; AL = 0, CL = CLMIN; tCK = tCKMIN; tRAS = tRASMAX;
t
RP = tRPMIN; CKE is HIGH, CS is HIGH between valid commands; Address inputs are SWITCHING; Data
bus inputs are SWITCHING;
I
OUT = 0mA.
I
DD4R
6)
Operating Current - Burst Write
All banks open; Continuous burst writes; BL = 4; AL = 0, CL = CLMIN; tCK = tCK.MIN;
t
RAS = tRAS.MAX., tRP = tRP.MAX; CKE is HIGH, CS is HIGH between valid commands. Address inputs are
SWITCHING; Data Bus inputs are SWITCHING;
I
DD4W
Burst Refresh Current
t
CK = tCK.MIN., Refresh command every tRFC = tRFC.MIN interval, CKE is HIGH, CS is HIGH between valid
commands, Other control and address inputs are SWITCHING, Data bus inputs are SWITCHING.
I
DD5B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com