Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HYS72T512341HKP Datasheet(PDF) 13 Page - Qimonda AG

Part # HYS72T512341HKP
Description  240-Pin Registered DDR2 SDRAM Modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T512341HKP Datasheet(HTML) 13 Page - Qimonda AG

Back Button HYS72T512341HKP Datasheet HTML 9Page - Qimonda AG HYS72T512341HKP Datasheet HTML 10Page - Qimonda AG HYS72T512341HKP Datasheet HTML 11Page - Qimonda AG HYS72T512341HKP Datasheet HTML 12Page - Qimonda AG HYS72T512341HKP Datasheet HTML 13Page - Qimonda AG HYS72T512341HKP Datasheet HTML 14Page - Qimonda AG HYS72T512341HKP Datasheet HTML 15Page - Qimonda AG HYS72T512341HKP Datasheet HTML 16Page - Qimonda AG HYS72T512341HKP Datasheet HTML 17Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Internet Data Sheet
Rev. 1.0, 2006-12
13
11032006-VX0M-M6IH
HYS72T512341H[H/J/K]P-[3.7/5]-B
Registered DDR2 SDRAM Modules
3
Electrical Characteristics
3.1
Absolute Maximum Ratings
Caution is needed not to exceed absolute maximum ratings of the DRAM device listed in Table 8 at any time.
TABLE 8
Absolute Maximum Ratings
Attention: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect reliability.
TABLE 9
DRAM Component Operating Temperature Range
Symbol
Parameter
Rating
Unit
Note
Min.
Max.
V
DD
Voltage on
V
DD pin relative to VSS
–1.0
+2.3
V
1)
1) When
V
DD and VDDQ and VDDL are less than 500 mV; VREF may be equal to or less than 300 mV.
V
DDQ
Voltage on
V
DDQ pin relative to VSS
–0.5
+2.3
V
1)2)
V
DDL
Voltage on
V
DDL pin relative to VSS
–0.5
+2.3
V
1)2)
V
IN, VOUT
Voltage on any pin relative to
V
SS
–0.5
+2.3
V
1)
T
STG
Storage Temperature
–55
+100
°C
1)2)
2) Storage Temperature is the case surface temperature on the center/top side of the DRAM.
Symbol
Parameter
Rating
Unit
Note
Min.
Max.
T
OPER
Operating Temperature
0
90
°C
1)2)3)4)
1) Operating Temperature is the case surface temperature on the center / top side of the DRAM.
2) The operating temperature range are the temperatures where all DRAM specification will be supported. During operation, the DRAM case
temperature must be maintained between 0 - 90 °C under all other specification parameters.
3) Above 85
°C the Auto-Refresh command interval has to be reduced to t
REFI= 3.9 µs
4) When operating this product in the 80 °C to 90 °C TCASE temperature range, the High Temperature Self Refresh has to be enabled by
setting EMR(2) bit A7 to “1”. When the High Temperature Self Refresh is enabled there is an increase of
I
DD6 by approximately 50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com