Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HYS72T512341HKP Datasheet(PDF) 22 Page - Qimonda AG

Part # HYS72T512341HKP
Description  240-Pin Registered DDR2 SDRAM Modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T512341HKP Datasheet(HTML) 22 Page - Qimonda AG

Back Button HYS72T512341HKP Datasheet HTML 18Page - Qimonda AG HYS72T512341HKP Datasheet HTML 19Page - Qimonda AG HYS72T512341HKP Datasheet HTML 20Page - Qimonda AG HYS72T512341HKP Datasheet HTML 21Page - Qimonda AG HYS72T512341HKP Datasheet HTML 22Page - Qimonda AG HYS72T512341HKP Datasheet HTML 23Page - Qimonda AG HYS72T512341HKP Datasheet HTML 24Page - Qimonda AG HYS72T512341HKP Datasheet HTML 25Page - Qimonda AG HYS72T512341HKP Datasheet HTML 26Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Internet Data Sheet
Rev. 1.0, 2006-12
22
11032006-VX0M-M6IH
HYS72T512341H[H/J/K]P-[3.7/5]-B
Registered DDR2 SDRAM Modules
66
Manufacturer’s JEDEC ID Code (3)
7F
7F
7F
67
Manufacturer’s JEDEC ID Code (4)
7F
7F
7F
68
Manufacturer’s JEDEC ID Code (5)
7F
7F
7F
69
Manufacturer’s JEDEC ID Code (6)
51
51
51
70
Manufacturer’s JEDEC ID Code (7)
00
00
00
71
Manufacturer’s JEDEC ID Code (8)
00
00
00
72
Module Manufacturer Location
xx
xx
xx
73
Product Type, Char 1
37
37
37
74
Product Type, Char 2
32
32
32
75
Product Type, Char 3
54
54
54
76
Product Type, Char 4
35
35
35
77
Product Type, Char 5
31
31
31
78
Product Type, Char 6
32
32
32
79
Product Type, Char 7
33
33
33
80
Product Type, Char 8
34
34
34
81
Product Type, Char 9
31
31
31
82
Product Type, Char 10
48
48
48
83
Product Type, Char 11
48
4A
4B
84
Product Type, Char 12
50
50
50
85
Product Type, Char 13
33
33
33
86
Product Type, Char 14
2E
2E
2E
87
Product Type, Char 15
37
37
37
88
Product Type, Char 16
42
42
42
89
Product Type, Char 17
20
20
20
90
Product Type, Char 18
20
20
20
91
Module Revision Code
2x
0x
0x
Product Type
Organization
4 GByte
4 GByte
4 GByte
×72
×72
×72
4 Ranks (
×4)
4 Ranks (
×4)
4 Ranks (
×4)
Label Code
PC2–4200P–444
PC2–4200P–444
PC2–4200P–444
JEDEC SPD Revision
Rev. 1.2
Rev. 1.2
Rev. 1.2
Byte#
Description
HEX
HEX
HEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com