Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HYS72T512341HKP Datasheet(PDF) 26 Page - Qimonda AG

Part # HYS72T512341HKP
Description  240-Pin Registered DDR2 SDRAM Modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T512341HKP Datasheet(HTML) 26 Page - Qimonda AG

Back Button HYS72T512341HKP Datasheet HTML 22Page - Qimonda AG HYS72T512341HKP Datasheet HTML 23Page - Qimonda AG HYS72T512341HKP Datasheet HTML 24Page - Qimonda AG HYS72T512341HKP Datasheet HTML 25Page - Qimonda AG HYS72T512341HKP Datasheet HTML 26Page - Qimonda AG HYS72T512341HKP Datasheet HTML 27Page - Qimonda AG HYS72T512341HKP Datasheet HTML 28Page - Qimonda AG HYS72T512341HKP Datasheet HTML 29Page - Qimonda AG HYS72T512341HKP Datasheet HTML 30Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Internet Data Sheet
Rev. 1.0, 2006-12
26
11032006-VX0M-M6IH
HYS72T512341H[H/J/K]P-[3.7/5]-B
Registered DDR2 SDRAM Modules
50
∆T
2N (DT2N, UDIMM) or ∆T2Q (DT2Q, RDIMM)
25
25
25
51
∆T
2P (DT2P)
36
36
36
52
∆T
3N (DT3N)
1E
1E
1E
53
∆T
3P.fast (DT3P fast)
383838
54
∆T
3P.slow (DT3P slow)
2A2A2A
55
∆T
4R (DT4R) / ∆T4R4W Sign (DT4R4W)
38
38
38
56
∆T
5B (DT5B)
1D
1D
1D
57
∆T
7 (DT7)
212121
58
Psi(ca) PLL
C4C4C4
59
Psi(ca) REG
8C
8C
8C
60
∆T
PLL (DTPLL)
59
59
59
61
∆T
REG (DTREG) / Toggle Rate
5C
5C
5C
62
SPD Revision
12
12
12
63
Checksum of Bytes 0-62
D3
D3
D3
64
Manufacturer’s JEDEC ID Code (1)
7F
7F
7F
65
Manufacturer’s JEDEC ID Code (2)
7F
7F
7F
66
Manufacturer’s JEDEC ID Code (3)
7F
7F
7F
67
Manufacturer’s JEDEC ID Code (4)
7F
7F
7F
68
Manufacturer’s JEDEC ID Code (5)
7F
7F
7F
69
Manufacturer’s JEDEC ID Code (6)
51
51
51
70
Manufacturer’s JEDEC ID Code (7)
00
00
00
71
Manufacturer’s JEDEC ID Code (8)
00
00
00
72
Module Manufacturer Location
xx
xx
xx
73
Product Type, Char 1
37
37
37
74
Product Type, Char 2
32
32
32
75
Product Type, Char 3
54
54
54
Product Type
Organization
4 GByte
4 GByte
4 GByte
×72
×72
×72
4 Ranks (
×4)
4 Ranks (
×4)
4 Ranks (
×4)
Label Code
PC2–3200P–333
PC2–3200P–333
PC2–3200P–333
JEDEC SPD Revision
Rev. 1.2
Rev. 1.2
Rev. 1.2
Byte#
Description
HEX
HEX
HEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com