Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HYS72T512341HKP Datasheet(PDF) 21 Page - Qimonda AG

Part # HYS72T512341HKP
Description  240-Pin Registered DDR2 SDRAM Modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T512341HKP Datasheet(HTML) 21 Page - Qimonda AG

Back Button HYS72T512341HKP Datasheet HTML 17Page - Qimonda AG HYS72T512341HKP Datasheet HTML 18Page - Qimonda AG HYS72T512341HKP Datasheet HTML 19Page - Qimonda AG HYS72T512341HKP Datasheet HTML 20Page - Qimonda AG HYS72T512341HKP Datasheet HTML 21Page - Qimonda AG HYS72T512341HKP Datasheet HTML 22Page - Qimonda AG HYS72T512341HKP Datasheet HTML 23Page - Qimonda AG HYS72T512341HKP Datasheet HTML 24Page - Qimonda AG HYS72T512341HKP Datasheet HTML 25Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Internet Data Sheet
Rev. 1.0, 2006-12
21
11032006-VX0M-M6IH
HYS72T512341H[H/J/K]P-[3.7/5]-B
Registered DDR2 SDRAM Modules
40
t
RC and tRFC Extension
000000
41
t
RC.MIN [ns]
3C
3C
3C
42
t
RFC.MIN [ns]
69
69
69
43
t
CK.MAX [ns]
80
80
80
44
t
DQSQ.MAX [ns]
1E
1E
1E
45
t
QHS.MAX [ns]
28
28
28
46
PLL Relock Time
0F
0F
0F
47
T
CASE.MAX Delta / ∆T4R4W Delta
505050
48
Psi(T-A) DRAM
7A
7A
7A
49
∆T
0 (DT0)
434343
50
∆T
2N (DT2N, UDIMM) or ∆T2Q (DT2Q, RDIMM)
29
29
29
51
∆T
2P (DT2P)
36
36
36
52
∆T
3N (DT3N)
21
21
21
53
∆T
3P.fast (DT3P fast)
414141
54
∆T
3P.slow (DT3P slow)
2A2A2A
55
∆T
4R (DT4R) / ∆T4R4W Sign (DT4R4W)
40
40
40
56
∆T
5B (DT5B)
1E
1E
1E
57
∆T
7 (DT7)
222222
58
Psi(ca) PLL
C4C4C4
59
Psi(ca) REG
8C
8C
8C
60
∆T
PLL (DTPLL)
61
61
61
61
∆T
REG (DTREG) / Toggle Rate
78
78
78
62
SPD Revision
12
12
12
63
Checksum of Bytes 0-62
9F
9F
9F
64
Manufacturer’s JEDEC ID Code (1)
7F
7F
7F
65
Manufacturer’s JEDEC ID Code (2)
7F
7F
7F
Product Type
Organization
4 GByte
4 GByte
4 GByte
×72
×72
×72
4 Ranks (
×4)
4 Ranks (
×4)
4 Ranks (
×4)
Label Code
PC2–4200P–444
PC2–4200P–444
PC2–4200P–444
JEDEC SPD Revision
Rev. 1.2
Rev. 1.2
Rev. 1.2
Byte#
Description
HEX
HEX
HEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com