Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HYS72T512341HKP Datasheet(PDF) 29 Page - Qimonda AG

Part # HYS72T512341HKP
Description  240-Pin Registered DDR2 SDRAM Modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T512341HKP Datasheet(HTML) 29 Page - Qimonda AG

Back Button HYS72T512341HKP Datasheet HTML 24Page - Qimonda AG HYS72T512341HKP Datasheet HTML 25Page - Qimonda AG HYS72T512341HKP Datasheet HTML 26Page - Qimonda AG HYS72T512341HKP Datasheet HTML 27Page - Qimonda AG HYS72T512341HKP Datasheet HTML 28Page - Qimonda AG HYS72T512341HKP Datasheet HTML 29Page - Qimonda AG HYS72T512341HKP Datasheet HTML 30Page - Qimonda AG HYS72T512341HKP Datasheet HTML 31Page - Qimonda AG HYS72T512341HKP Datasheet HTML 32Page - Qimonda AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Internet Data Sheet
Rev. 1.0, 2006-12
29
11032006-VX0M-M6IH
HYS72T512341H[H/J/K]P-[3.7/5]-B
Registered DDR2 SDRAM Modules
6
Product Type Nomenclature
Qimonda’s nomenclature uses simple coding combined with
some propriatory coding. Table 18 provides examples for
module and component product type number as well as the
field number. The detailed field description together with
possible values and coding explanation is listed for modules
in Table 19 and for components in Table 20.
TABLE 18
Nomenclature Fields and Examples
TABLE 19
DDR2 DIMM Nomenclature
Example for
Field Number
123
456
789
10
11
Micro-DIMM
HYS
64
T
64/128 0
2
0
K
M
–5
–A
DDR2 DRAM
HYB
18
T
512/1G 16
0
A
C
–5
Field
Description
Values
Coding
1
Qimonda Module Prefix
HYS
Constant
2
Module Data Width [bit]
64
Non-ECC
72
ECC
3
DRAM Technology
T
DDR2
4
Memory Density per I/O [Mbit];
Module Density1)
32
256 MByte
64
512 MByte
128
1 GByte
256
2 GByte
512
4 GByte
5
Raw Card Generation
0 .. 9
Look up table
6
Number of Module Ranks
0, 2, 4
1, 2, 4
7
Product Variations
0 .. 9
Look up table
8
Package, Lead-Free Status
A .. Z
Look up table
9
Module Type
D
SO-DIMM
M
Micro-DIMM
R
Registered
U
Unbuffered
F
Fully Buffered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com