Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HYS72T512341HKP Datasheet(PDF) 25 Page - Qimonda AG

Part # HYS72T512341HKP
Description  240-Pin Registered DDR2 SDRAM Modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T512341HKP Datasheet(HTML) 25 Page - Qimonda AG

Back Button HYS72T512341HKP Datasheet HTML 21Page - Qimonda AG HYS72T512341HKP Datasheet HTML 22Page - Qimonda AG HYS72T512341HKP Datasheet HTML 23Page - Qimonda AG HYS72T512341HKP Datasheet HTML 24Page - Qimonda AG HYS72T512341HKP Datasheet HTML 25Page - Qimonda AG HYS72T512341HKP Datasheet HTML 26Page - Qimonda AG HYS72T512341HKP Datasheet HTML 27Page - Qimonda AG HYS72T512341HKP Datasheet HTML 28Page - Qimonda AG HYS72T512341HKP Datasheet HTML 29Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Internet Data Sheet
Rev. 1.0, 2006-12
25
11032006-VX0M-M6IH
HYS72T512341H[H/J/K]P-[3.7/5]-B
Registered DDR2 SDRAM Modules
24
t
AC SDRAM @ CLMAX -1 [ns]
60
60
60
25
t
CK @ CLMAX -2 (Byte 18) [ns]
50
50
50
26
t
AC SDRAM @ CLMAX -2 [ns]
60
60
60
27
t
RP.MIN [ns]
3C
3C
3C
28
t
RRD.MIN [ns]
1E
1E
1E
29
t
RCD.MIN [ns]
3C
3C
3C
30
t
RAS.MIN [ns]
28
28
28
31
Module Density per Rank
01
01
01
32
t
AS.MIN and tCS.MIN [ns]
35
35
35
33
t
AH.MIN and tCH.MIN [ns]
47
47
47
34
t
DS.MIN [ns]
15
15
15
35
t
DH.MIN [ns]
27
27
27
36
t
WR.MIN [ns]
3C
3C
3C
37
t
WTR.MIN [ns]
28
28
28
38
t
RTP.MIN [ns]
1E
1E
1E
39
Analysis Characteristics
00
00
00
40
t
RC and tRFC Extension
000000
41
t
RC.MIN [ns]
37
37
37
42
t
RFC.MIN [ns]
69
69
69
43
t
CK.MAX [ns]
80
80
80
44
t
DQSQ.MAX [ns]
23
23
23
45
t
QHS.MAX [ns]
2D
2D
2D
46
PLL Relock Time
0F
0F
0F
47
T
CASE.MAX Delta / ∆T4R4W Delta
505050
48
Psi(T-A) DRAM
7A
7A
7A
49
∆T
0 (DT0)
3B3B3B
Product Type
Organization
4 GByte
4 GByte
4 GByte
×72
×72
×72
4 Ranks (
×4)
4 Ranks (
×4)
4 Ranks (
×4)
Label Code
PC2–3200P–333
PC2–3200P–333
PC2–3200P–333
JEDEC SPD Revision
Rev. 1.2
Rev. 1.2
Rev. 1.2
Byte#
Description
HEX
HEX
HEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com