Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3204DB Datasheet(PDF) 7 Page - Pixart Imaging Inc.

Part # PAN3204DB
Description  LOW COST WIRELESS MOUSE SENSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3204DB Datasheet(HTML) 7 Page - Pixart Imaging Inc.

Back Button PAN3204DB Datasheet HTML 3Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 4Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 5Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 6Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 7Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 8Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 9Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 10Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 11Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
PixArt Imaging Inc.
PAN3204DB
Wireless Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
7
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.0, Apr. 2008
0x05
Operation_Mode
Bit
7
6
5
4
3
2
1
0
Field
LEDsht_enh
0
1
Slp_enh
Slp2_enh
Slp2mu
Slp1mu
Wakeup
Usage
Operation_Mode register allows the user to change the operation of the mouse sensor. Shown below
are the bits, their default values, and optional values.
Operation_Mode[4:0]
“0xxxx” = Disable sleep mode
“10xxx” = Enable sleep mode1
“11xxx” = Enable sleep mode2
“11100” = Force enter sleep23
“1x010” = Force enter sleep13 (If Slp2_enh is set, the mouse sensor still enter the sleep2
automatically.)
“1x001” = Force wakeup from sleep mode3
Notes:
1. Enable sleep mode, but disable automatic entering sleep2 mode, that is, only 2 modes will be used,
normal mode and sleep1 mode. After 256 ms (±20%) not moving during normal mode, the mouse
sensor will enter sleep1 mode, and keep on sleep1 mode until moving is detected or wakeup is
asserted. Note that the entering time depends on the setting of Enter_Time register.
2. Enable sleep mode full function, which is 3 modes will be used, normal mode, sleep1 mode and
sleep2 mode. After 256 ms (±20%) not moving during normal mode, the mouse sensor will enter
sleep1 mode, and keep on sleep1 mode until moving is detected or wakeup is asserted.
And after 61 sec (±20%) not moving during sleep1 mode, the mouse sensor will enter sleep2 mode,
and keep on sleep2 mode until detect moving or force wakeup to normal mode. Note that the
entering time depends on the setting of Enter_Time register.
3. Only one of these three bits slp2mu_enh, slp1mu_enh, and wakeup can be set to 1 at the same time,
others have to be set to 0. After a period of time, the bit, which was set to 1, will be reset to 0 by
internal signal.
4. The user can clear Slp_enh/Slp2_enh bit to make the mouse sensor enter normal mode. If the user
clears Slp_enh/Slp2_enh bit during normal mode, the mouse sensor will keep its status. If the user
clears Slp_enh/Slp2_enh bit during sleep mode, the mouse sensor will enter normal mode after it
detect any movement or the user sets Wakeup bit.
Field Name
Description
LEDsht_enh
LED shutter enable/disable
0 = Disable
1 = Enable (Default)
Bit [6:5]
MUST always be 01
Slp_enh
Sleep mode enable/disable
0 = Disable
1 = Enable (Default)
Notes
Slp2_enh
Automatic enter sleep2 mode enable/disable
0 = Disable
1 = Enable (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com