Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3204DB Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAN3204DB
Description  LOW COST WIRELESS MOUSE SENSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3204DB Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAN3204DB Datasheet HTML 1Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 2Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 3Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 4Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 5Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 6Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 7Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 8Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
PixArt Imaging Inc.
PAN3204DB
Wireless Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
2
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.0, Apr. 2008
1. Pin Configuration
1.1 Pin Description
Pin
Name
Type
Definition
1
OSC_RES
IN
Internal RC oscillator for system clock with external resistor (34.8KΩ
for 2.7V application, 36KΩ for 1.8V application)
2
MOTSWK
OUT
Motion detect (active low output, see Section 7 MOTSWK function)
3
SDIO
I/O
Serial interface bi-direction data
4
SCLK
IN
Serial interface clock
5
LED
OUT
LED control
6
VSS
GND
Chip ground
7
VDD
PWR
Power supply (2.5V~2.9V) for internal power regulator, VDDA
(1.8V) is the power regulator output.
Power supply (1.73V~1.87V) for low power operation voltage
8
VDDA
PWR
Analog/Digital supply voltage (1.8V)
Power supply (1.73V~1.87V) for low power operation voltage
1.2 Pin Assignment
LB
RB
+ X
+ Y
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
Figure 1. Top View Pinout
Figure 2. Top View of Mouse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com