Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3204DB Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # PAN3204DB
Description  LOW COST WIRELESS MOUSE SENSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3204DB Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button PAN3204DB Datasheet HTML 9Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 10Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 11Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 12Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 13Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 14Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 15Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 16Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 17Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
PixArt Imaging Inc.
PAN3204DB
Wireless Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
13
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.0, Apr. 2008
4.3 AC Operating Condition (1.8V / 2.7V)
Electrical Characteristics over recommended operating conditions. Typical values at 25 °C, VDD = 2.7 V for 2.7V
application and VDD = VDDA = 1.8 V for 1.8V application.
Symbol Parameter
Min. Typ. Max. Unit
Notes
tPDR
PD Pulse Register
-
-
666
us
Two frames time maximum after setting
PD_enh bit in the Configuration register
@3000frame/sec (refer to Figure 11).
tPU
Power Up from VDD↑
10
-
30.5
ms
From VDD↑ to valid motion signals.
500usec +90 frames.
tHOLD
SDIO Read Hold Time
-
3
-
us
Minimum hold time for valid data (refer to
Figure 9).
tRESYNC Serial Interface RESYNC.
1
-
-
us @3000 frame/sec (refer to Figure 10)
tSIWTT
Serial Interface Watchdog
Timer Timeout
1.7
32
320
-
-
ms
@3000 frame/sec (refer to Figure 10)
1.7ms for normal mode,
32ms (±20%) for sleep1 mode,
320ms (±20%) for sleep2 mode.
Note that the value depends on the setting of
Sleep1_Setting register and Sleep2_Setting
register.
tSWKINT
Sensor Wakeup Interrupt
Time
-
160
-
us
t r , t f
Rise and Fall Times: SDIO
-
25,
20
-
ns CL = 30 pF
t r , t f
Rise and Fall Times: ILED
-
30,
10
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com