Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3204DB Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAN3204DB
Description  LOW COST WIRELESS MOUSE SENSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3204DB Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAN3204DB Datasheet HTML 1Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 2Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 3Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 4Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 5Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 6Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 7Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 8Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
PixArt Imaging Inc.
PAN3204DB
Wireless Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
3
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.0, Apr. 2008
2. Block Diagram and Operation
CMOS IMAGE
SENSOR
DIGITAL
SIGNAL
PROCESSOR
POWER ON
RESET
LED
DRIVE
CONTROL
REGISTER
SCLK
SDIO
OSCILLATOR
LED
VSS
SERIAL
INTERFACE
OSC_RES
2.5V ~ 2.9 V
POWER
VDDA
VDD
MOTION/
WAKE UP
MOTSWK
SERIAL
INTERFACE
1.73V ~ 1.87V
POWER
Figure 3. Block Diagram
The PAN3204DB is a high performance, low power and low cost CMOS-process optical mouse sensor with
DSP integration chip that serves as a non-mechanical motion estimation engine for implementing a wireless
computer mouse. It is based on new optical navigation technology, which measures changes in position by
optically acquiring sequential surface images (frames) and mathematically determining the direction and
magnitude of movement. The mouse sensor is in an 8-pin optical package. The current X and Y information are
available in registers accessed via a serial port. The word "mouse sensor," instead of PAN3204DB, is used in the
document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com