Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3204DB Datasheet(PDF) 12 Page - Pixart Imaging Inc.

Part # PAN3204DB
Description  LOW COST WIRELESS MOUSE SENSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3204DB Datasheet(HTML) 12 Page - Pixart Imaging Inc.

Back Button PAN3204DB Datasheet HTML 8Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 9Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 10Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 11Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 12Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 13Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 14Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 15Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 16Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
PixArt Imaging Inc.
PAN3204DB
Wireless Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
12
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.0, Apr. 2008
4. Specifications
4.1 Absolute Maximum Ratings
Stresses above those listed under "Absolute Maximum Rating" may cause permanent damage to the device.
These are stress ratings only. Functional operation of this device at these or any other conditions above those
indicated in the operational sections of this specification is not implied and exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Symbol
Parameter
Min
Max
Unit
Notes
TSTG
Storage Temperature
-40
85
°C
TA
Operating Temperature
-15
55
°C
-0.2
Vdd1 + 0.2
V
VDC
DC Supply Voltage
-0.3
Vdd2 + 0.3
V
VIN
DC Input Voltage
-0.3
VDC
V
All I/O pin
Lead Solder Temp
-
260
°C
For 10 seconds, 1.6mm below seating plane.
ESD
-
2
kV
All pins, human body model MIL 883 Method
3015
4.2 Recommend Operating Condition
Symbol Parameter
Min.
Typ.
Max.
Unit
Notes
TA
Operating Temperature
0
-
40
°C
Vdd1
1.73
1.8
1.87
VDDA, VDD short
Vdd2
Power Supply Voltage
2.5
2.7
2.9
V
VDD
VN
Supply Noise
-
-
100
mV
Peak to peak within 0 - 80 MHz
Z
Distance From lens Reference
Plane to Surface
2.3
2.4
2.5
mm
Refer to Figure 4.
R
Resolution
400
1000
1600
CPI
SCLK
Serial Port Clock Frequency
-
-
10
MHz
FR
Frame Rate
-
3000
-
frames/s
S
Speed
0
-
28
inches/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com