Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3204DB Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # PAN3204DB
Description  LOW COST WIRELESS MOUSE SENSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3204DB Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button PAN3204DB Datasheet HTML 17Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 18Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 19Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 20Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 21Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 22Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 23Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 24Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 25Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
PixArt Imaging Inc.
PAN3204DB
Wireless Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
21
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.0, Apr. 2008
8. Referencing Application Circuit
8.1 Power Supply at 2.7V Application Circuit (with Red LED, 2.4GHz Transceiver)
#2. MCU Circuit
CS
U1
ELM9327
VOUT
SW
SDIO
SW1
IRQ
nRF24L01 notes
(Reference only)
R5
270K
BAT_1.5V
SCK
C2
47uF
MOTSWK
SDIO
SW2
U5
nRF24L01
1
2
3
4
5
11
12
13
14
15
CE
CSN
SCK
MOSI
MISO
VDD_PA
ANT1
ANT2
VSS
VDD
L2
3.9nH
1
2
PAN3204 external resistor notes
*X2 for +/-60ppm, CL = 12pF
*C16 and C17 must have values that match the
crystals load capacitance CL
SCLK
MOTSWK
IDSYNC
VCC_2.7V
IDSYNC
CE
DC/DC Converter
RESET
D1 1N5819
SCLK
C18
0.1uF
C17*
1
2
LKEY
Z1
U2
EEPROM
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
MISO
Antenna
S1
X2*
16MHz
IRQ
C8
0.1uF
C9
33nF
1
2
MISO
EPSD
#4. RF TX Circuit
R1
Z1
SCK
C14
2.2nF
C3
15PF
VCC_2.7V
ENSW1
ENCODER
Z2
Z1
COM
C11
1nF
VCC_2.7V
Z2
VCC_2.7V
C5
1uF
R8
22K
C1
47uF
SCK
C4 15PF
D2 LED
L1
220uH
CS
C16*
1
2
U4
PAN3204DB
2
6
4
3
5
7
8
1
MOTSWK
VSS
SCLK
SDIO
LED
VDD
VDDA
OSC_RES
+
C7
10uF
VCC_2.7V
VCC_2.7V
CE
RKEY
U3
MCU
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PB5
PB4
PA3
PA2
PA1
PA0
PB3
PB2
PB1
PB0
VSS
PC1
PC2
PC3
PB6
PB7
PA4
PA5
PA6
PA7
OSC2
OSC1
VDD
RESET
PC7
PC6
PC5
PC4
L3
8.2nH
VCC_2.7V
LKEY
MKEY
C12
1.5pF
1
2
R7
20K
L4
2.7nH
1
2
C13
1pF
C15
4.7pF
C10
10nF
LED_2.7V
LED_2.7V
R6
4.7k
*Note that 2.7V application, R4 use 34.8K ohm +/- 1%
*Note that 1.8V application, R4 use 36K ohm +/- 1%
SW3
MOSI
R4
MKEY
EPSD
R9
1M
MOSI
X1 6MHZ
Z2
C6
1uF
#1. Battery Power Circuit
RKEY
#3. Sensor Circuit
Figure 14. Application Circuit for 2.7V (with Red LED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com