Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3204DB Datasheet(PDF) 17 Page - Pixart Imaging Inc.

Part # PAN3204DB
Description  LOW COST WIRELESS MOUSE SENSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3204DB Datasheet(HTML) 17 Page - Pixart Imaging Inc.

Back Button PAN3204DB Datasheet HTML 13Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 14Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 15Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 16Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 17Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 18Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 19Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 20Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 21Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
PixArt Imaging Inc.
PAN3204DB
Wireless Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
17
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.0, Apr. 2008
6. Serial Interface
The synchronous serial port is used to set and read parameters in the mouse sensor.
SCLK: The serial clock line. It is always generated by the mouse controller.
SDIO: The serial data line is used to write and read data.
6.1 Transmission Protocol
The transmission protocol is a two-wire link, half duplex protocol between the micro-controller and the mouse
sensor. All data changes on SDIO are initiated by the falling edge on SCLK. The mouse controller always
initiates communication; the mouse sensor never initiates data transfers.
The transmission protocol consists of the two operation modes:
- Write Operation.
- Read Operation.
Both of the two operation modes consist of two bytes. The first byte contains the address (seven bits) and has a
bit 7 as its MSB to indicate data direction. The second byte contains the data.
A D D R ESS (7 BIT )
DA T A (8 B IT )
FIR S T B Y TE
S E CO ND B Y T E
MS B
LS B
R/W
(1 B IT )
MS B
LS B
Figure 7. Transmission Protocol
6.1.1 Write Operation
A write operation, which means that data is going from the mouse controller to the mouse sensor, is always
initiated by the mouse controller and consists of two bytes. The first byte contains the address (seven bits) and
has a “1” as its MSB to indicate data direction. The second byte contains the data. The transfer is synchronized
by SCLK. The mouse controller changes SDIO on falling edges of SCLK. The mouse sensor reads SDIO on
rising edges of SCLK.
SDIO driven by the mouse controller
SCLK
SDIO
12
34
5
678
10
A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0
911 12 13
14
15
A6
DON'T
CARE
1
DON'T
CARE
16
Figure 8. Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com