Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3204DB Datasheet(PDF) 22 Page - Pixart Imaging Inc.

Part # PAN3204DB
Description  LOW COST WIRELESS MOUSE SENSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3204DB Datasheet(HTML) 22 Page - Pixart Imaging Inc.

Back Button PAN3204DB Datasheet HTML 18Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 19Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 20Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 21Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 22Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 23Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 24Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 25Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 26Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
PixArt Imaging Inc.
PAN3204DB
Wireless Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
22
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.0, Apr. 2008
8.2 Reference Application for RF Receiver Using 2.4GHz Transceiver
R1
22K
C16*
MOSI
C13
22PF
S1
1
2
D1
LED
1
2
VIN PAD
U2
AIC1734-33
VCC_3.3V
SCK
C6
1pF
R6
4.7K
CE
C14
22PF
+ C12
10uF
Y1*
16MHz
L1
3.9nh
1
2
D+
C18
0.1uF
C9
2.2nF
C2
33nF
1
2
Y3
12MHz
2
4
CE
ALED
C4
1nF
R3
12
C3
10nF
C5
1.5pF
1
2
L3
2.7nH
1
2
D-
JP1
HEADER 4
1
2
3
4
C15*
C17
5PF
C1
0.1uF
D+
R9
270
MISO
R8
10K
C8
1uF
CS
VCC
R4
12
R10
1.5K
R5
1M
1
2
VCC
EPSD
(Reference only)
CS
VCC
C21
1UF
ALED
Antenna
*Y1 for +/-60ppm, CL = 12pF
*C15 and C16 must have values that match the
crystals load capacitance CL
R7
4.7K
VCC
C20
5PF
R2
12
EPSD
MOSI
VCC
SCK
IRQ
U4
MCU
1
2
3
4
5
6
8
7
9
10
20
19
18
17
16
15
14
13
12
11
PA3
PA2
PA1
PA0
PC0
PD4
V33O
VDD
USBD+/CLK
USBD-/DATA
PA4
PA5
PA6/TMR0
PA7/TMR1
OSC1
OSC2
RES
VSS
PB7
PB6
IRQ
R11
100K
nRF24L01 notes
IDSYNC
C7
1uF
VCC_3.3V
D-
L2
8.2nH
C11
1uF
U3
nRF24L01
1
2
3
4
5
11
12
13
14
15
CE
CSN
SCK
MOSI
MISO
VDD_PA
ANT1
ANT2
VSS
VDD
C19
1UF
C10
4.7pF
SCK
U1
EEPROM
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
MISO
R12
4.7K
Figure 15. Application Circuit for RF Receive Using 2.4GHz Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com