Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME4057 Datasheet(PDF) 4 Page - Nanjing Micro One Electronics Inc

Part # ME4057
Description  1A Lithium Ion Battery Linear Charger ME4057
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONE [Nanjing Micro One Electronics Inc]
Direct Link  https://www.microne.com.cn/
Logo MICRONE - Nanjing Micro One Electronics Inc

ME4057 Datasheet(HTML) 4 Page - Nanjing Micro One Electronics Inc

  ME4057 Datasheet HTML 1Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 2Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 3Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 4Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 5Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 6Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 7Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 8Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 9Page - Nanjing Micro One Electronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ME4057
V01
www.microne.com.cn
Page 4 of 18
Absolute Maximum Ratings
Parameter
Rating
Unit
Input supply voltage : VCC
-0.3~8
V
PROG pin voltage
-0.3~VCC+0.3
V
BAT pin voltage
-0.3~7
V
TEMP pin voltage
-0.3~10
V
pin voltage
-0.3~10
V
pin voltage
-0.3~10
V
CE pin voltage
-0.3~10
V
BAT pin current
1200
mA
PROG pin current
1200
μA
Maximum junction temperature
145
℃
Operating ambient temperature :Topa
-40~85
℃
Storage temperature :Tstr
-65~125
℃
Soldering temperature and time
+260(Recommended 10S)
℃
Caution: The absolute maximum ratings are rated values exceeding which the product could suffer physical damage.
These values must therefore not be exceeded under any conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com