Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME4057 Datasheet(PDF) 1 Page - Nanjing Micro One Electronics Inc

Part # ME4057
Description  1A Lithium Ion Battery Linear Charger ME4057
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONE [Nanjing Micro One Electronics Inc]
Direct Link  https://www.microne.com.cn/
Logo MICRONE - Nanjing Micro One Electronics Inc

ME4057 Datasheet(HTML) 1 Page - Nanjing Micro One Electronics Inc

  ME4057 Datasheet HTML 1Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 2Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 3Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 4Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 5Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 6Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 7Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 8Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 9Page - Nanjing Micro One Electronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ME4057
V01
www.microne.com.cn
Page 1 of 18
1A Lithium Ion Battery Linear Charger ME4057
General Description
Features
Typical charge cycle(1000mAh battery)
Applications
Typical charge cycle(1000mAh battery)
●Cellular Telephones
●Digital Still Cameras
●MP3 Players
●Bluetooth Applications
●Portable Devices
●USB Bus-Powered Chargers
ME4057 is a complete constant-current/constant voltage
linear charger for single cell lithium-ion batteries. With a
thermally enhanced 8-PIN SOP package on the bottom
and low external component count make the ME4057
ideally suited for portable applications. Furthermore the
ME4057 is specifically designed to work within USB power
specifications.
No external sense resistor is needed and no blocking
diode
is
required
due
to
the
internal
PMOSFET
architecture .Thermal feedback regulates the charge
current to limit the die temperature during high power
operation or high ambient temperature .The charge voltage
is fixed at 4.2V,and the charge current can be programmed
externally with a single resistor. The ME4057 automatically
terminates the charge cycle when the charge current drops
to 1/10
th the programmed value after the final float voltage
is reached.
When the input supply (wall adapter or USB supply) is
removed the ME4057 automatically enters a low current
state dropping the battery drain current to less than
2
μA.The ME4057 can be put into shutdown mode reducing
the supply current to 55
μA.
Other features include Battery temperature monitor,
under-voltage lockout, automatic recharge and two status
pins to indicate charge and charge termination.
●Protection of battery cell reverse connection
● Programmable charge current up to 1A
●No MOSFET sense resistor or blocking diode
required
●Complete linear Charger in SOP8 Package for
single Cell Lithium-Ion Batteries.
●Constant-Current/Constant-Voltage
operation
with thermal regulation to maximize Rate
Without risk of overheating.
● Preset 4.2V charge voltage with ±1% accuracy
● Automatic Recharge
● Two Status Indication for Charge status, no
battery and battery failure indicators
● C/10 charge termination
● 55μA supply current in shutdown
● 2.9V trickle current charge threshold
● Soft-Start limits inrush current
● Battery Temperature Sensing
● Available in SOP8-PP package


Similar Part No. - ME4057

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME40 SLPOWER-ME40 Datasheet
670Kb / 4P
40W Single Output External Power Medical Series
logo
Pentair plc. All rights...
ME40 PENTAIR-ME40 Datasheet
215Kb / 4P
EFFLUENT AND DRAIN WATER PUMPS
logo
Schneider Electric
ME40 SCHNEIDER-ME40 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
List of Unclassifed Man...
ME40101V1-0000-A99 ETC-ME40101V1-0000-A99 Datasheet
1Mb / 10P
DR MagLev motor fan
2010/05/31
ME40101VX-0000-A99 ETC-ME40101VX-0000-A99 Datasheet
1Mb / 10P
DR MagLev motor fan
2010/05/31
More results

Similar Description - ME4057

ManufacturerPart #DatasheetDescription
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
Lithium-Ion Linear Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4056 BELLING-BL4056 Datasheet
325Kb / 17P
1A Lithium Ion Battery Linear Charger
logo
E-CMOS Corporation
EC49023 E-CMOS-EC49023 Datasheet
456Kb / 9P
1A, Linear Lithium Battery Charger
logo
SHOUDING Shouding Semic...
SD8068 SHOUDING-SD8068 Datasheet
812Kb / 18P
1A Lithium Ion Battery Linear Charger
logo
Shenzhen Huazhimei Semi...
HM4058DR HMSEMI-HM4058DR Datasheet
879Kb / 9P
High withstand voltage 1A linear lithium ion battery charger
HM4051ADR HMSEMI-HM4051ADR Datasheet
1Mb / 13P
1A Lithium Ion Battery Linear Charger
HM4056A HMSEMI-HM4056A Datasheet
713Kb / 8P
1A linear lithium ion battery charger
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
Linear Lithium-ion Battery Charger
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
Linear Lithium-ion Battery Charger
logo
Guangdong Youtai Semico...
TP4056 UMW-TP4056 Datasheet
878Kb / 12P
1A linear lithium-ion battery charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com