Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME4057 Datasheet(PDF) 10 Page - Nanjing Micro One Electronics Inc

Part # ME4057
Description  1A Lithium Ion Battery Linear Charger ME4057
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONE [Nanjing Micro One Electronics Inc]
Direct Link  https://www.microne.com.cn/
Logo MICRONE - Nanjing Micro One Electronics Inc

ME4057 Datasheet(HTML) 10 Page - Nanjing Micro One Electronics Inc

Back Button ME4057 Datasheet HTML 6Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 7Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 8Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 9Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 10Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 11Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 12Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 13Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 14Page - Nanjing Micro One Electronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ME4057
V01
www.microne.com.cn
Page 10 of 18
Likewise, for positive temperature coefficient thermistor in battery, we have RTH>RTL and we can calculate:
We can conclude that temperature monitor range is independent of power supply voltage VCC and it only depends
on R1, R2, RTL and RTH: The values of RTH and RTL can be found in related battery handbook or deduced from testing
data. In actual application, if only one terminal temperature is concerned (normally protecting overheating), there is
no need to use R2 but R1. It becomes very simple to calculate R1 in this case.
Under Voltage lockout (UVLO)
An internal under voltage lockout circuit monitors the input voltage and keeps the charger in shutdown mode
until VCC rises above the under voltage lockout threshold . If the UVLO comparator is tripped, the charger will not
come out of shutdown mode until VCC rises 140mV above the battery voltage.
Manual terminate
At any time of the cycle of charging will put the ME4057 into disable mode to pull CE pin to GND, or remove
RPROG (PROG pin is float). This made the battery drain current to less than 2μA and reducing the supply current to
55
μA. To restart the charge cycle, set CE pin in high level or connect a programming resistor.
If ME4057 in the under voltage Lockout mode, the
and
are all in high impedance state, or VCC is
above BAT pin 140mV, or VCC is too low.
Auto restart
Once charge is
been terminated, ME4057 immediately use a 1.8ms filter time( tRECHARGE )on the termination
comparator to constant monitor the voltage on BAT pin.
If this voltage drops below the 4.02V recharge threshold
(about between 80% and 90% of VCC), another charge cycle begins. This ensured the battery maintained (or
approach) to a charge full status and avoid the requirement of restarting the periodic charging cycle. In the recharge
cycle,
pin enters a pulled down status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com