Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME4057 Datasheet(PDF) 17 Page - Nanjing Micro One Electronics Inc

Part # ME4057
Description  1A Lithium Ion Battery Linear Charger ME4057
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONE [Nanjing Micro One Electronics Inc]
Direct Link  https://www.microne.com.cn/
Logo MICRONE - Nanjing Micro One Electronics Inc

ME4057 Datasheet(HTML) 17 Page - Nanjing Micro One Electronics Inc

Back Button ME4057 Datasheet HTML 10Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 11Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 12Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 13Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 14Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 15Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 16Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 17Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 18Page - Nanjing Micro One Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
ME4057
V01
www.microne.com.cn
Page 17 of 18
Packaging Information:
Packaging Type: SOP8-PP
Character
Dimension (mm)
Dimension (Inches)
Min
Max
Min
Max
A
1.350
1.750
0.053
0.069
A1
0.1
0.3
0.004
0.012
B
1.27(Typ.)
0.05(Typ.)
b
0.330
0.510
0.013
0.020
c
0.9(Typ.)
0.035(Typ.)
c1
1.0(Typ.)
0.039(Typ.)
D
5.8
6.2
0.228
0.244
D1
3.202
3.402
0.126
0.134
E
3.800
4.000
0.150
0.157
E1
2.313
2.513
0.091
0.099
F
4.7
5.1
0.185
0.201
L
0.675
0.725
0.027
0.029
G
0.32(Typ.)
0.013(Typ.)
R
0.15(Typ.)
0.006(Typ.)
1
7
°
7
°
8
°
8
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com