Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME4057 Datasheet(PDF) 11 Page - Nanjing Micro One Electronics Inc

Part # ME4057
Description  1A Lithium Ion Battery Linear Charger ME4057
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONE [Nanjing Micro One Electronics Inc]
Direct Link  https://www.microne.com.cn/
Logo MICRONE - Nanjing Micro One Electronics Inc

ME4057 Datasheet(HTML) 11 Page - Nanjing Micro One Electronics Inc

Back Button ME4057 Datasheet HTML 7Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 8Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 9Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 10Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 11Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 12Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 13Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 14Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 15Page - Nanjing Micro One Electronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ME4057
V01
www.microne.com.cn
Page 11 of 18
Fig.1 State diagram of a typical charge cycle
Fig.2 Isolating with capacitive load on PROG Pin
Stability Considerations
In constant-current mode, the PROG pin is in the feedback loop, not the battery. The constant-current mode
stability is affected by the impedance at the PROG pin. With no additional capacitance on the PROG pin, the charger
is stable with program resistor values as high as 20K
Ω. However, additional capacitance on this node reduces the
maximum allowed program resistor. Therefore, if IPROG pin is loaded with a capacitance C, the following equation
should be used to calculate the maximum resistance value for RPROG:
As user, may think charge current is important, not instantaneous current. For example, to run a low current mode
switch power which parallel connected with battery, the average current from BAT pin usually importance to
instantaneous current. In this case, In order to measure average charge current or isolate capacitive load from IPROG
pin, a simple RC filter can be used on PROG pin as shown in Figure 2. In order to ensure the stability add a 10K
Ω
resistor between PROG pin and filter capacitor.
Power dissipation
The conditions that cause the ME4057 to reduce charge current through thermal feedback can be approximated by
considering the power dissipated in the IC. Nearly all of this power dissipation is generated by the internal
MOSFET-this is calculated to be approximately: PD (VCC VBAT ) X I BAT
ME4057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com