Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME4057 Datasheet(PDF) 7 Page - Nanjing Micro One Electronics Inc

Part # ME4057
Description  1A Lithium Ion Battery Linear Charger ME4057
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONE [Nanjing Micro One Electronics Inc]
Direct Link  https://www.microne.com.cn/
Logo MICRONE - Nanjing Micro One Electronics Inc

ME4057 Datasheet(HTML) 7 Page - Nanjing Micro One Electronics Inc

Back Button ME4057 Datasheet HTML 3Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 4Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 5Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 6Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 7Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 8Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 9Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 10Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 11Page - Nanjing Micro One Electronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ME4057
V01
www.microne.com.cn
Page 7 of 18
constant current mode, the charge current is set by RPROG. When the battery approaches the regulation voltage 4.2V,
the charge current begins to decrease as the ME4057 enters the constant-voltage mode. When the current drops to
charge termination threshold, the charge cycle is terminated, and
pin assumes a high impedance state to
indicate that the charge cycle is terminated and
pin is pulled low. The charge termination threshold is 10% of
the current in constant current mode. To restart the charge cycle, remove the input voltage and reapply it, or
momentarily force CE pin to 0V. The charge cycle can also be automatically restarted if the BAT pin voltage falls
below the recharge threshold. The on-chip reference voltage, error amplifier and the resistor divider provide
regulation voltage with 1% accuracy which can meet the requirement of lithium-ion and lithium polymer batteries.
When the input voltage is not present, or input voltage is below VBAT, the charger goes into a sleep mode, dropping
battery drain current to less than 3
μA. This greatly reduces the current drain on the battery and increases the
standby time. The charger can be shutdown by forcing the CE pin to GND.
The charging profile is shown in the following figure:
Programming charge current
The charge current is programmed using a single resistor from the PROG pin to ground. The program resistor
and the charge current are calculated using the following equations.:
In application, according the charge current to determine RPROG ,the relation between RPROG and charge current
can reference the following chart:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com