Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME4057 Datasheet(PDF) 5 Page - Nanjing Micro One Electronics Inc

Part # ME4057
Description  1A Lithium Ion Battery Linear Charger ME4057
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONE [Nanjing Micro One Electronics Inc]
Direct Link  https://www.microne.com.cn/
Logo MICRONE - Nanjing Micro One Electronics Inc

ME4057 Datasheet(HTML) 5 Page - Nanjing Micro One Electronics Inc

  ME4057 Datasheet HTML 1Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 2Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 3Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 4Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 5Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 6Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 7Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 8Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 9Page - Nanjing Micro One Electronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ME4057
V01
www.microne.com.cn
Page 5 of 18
Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ.
Max
Unit
VCC
Input supply voltage
●
4.0
5.0
8.0
V
ICC -IBAT
static current
●Charge mode, R
PROG=1.3K
-
150
500
μA
●Standby mode(charge end)
-
55
100
μA
●Shutdown mode(R
PROG not
connected,
VCC<VBAT,
or
VCC<VUV)
-
55
100
μA
VFLOAL
Regulated output voltage
0℃
≤T
A≤85℃ IBAT=40mA
4.158
4.2
4.242
V
IBAT
BAT pin current
(The condition of current mode is
VBAT=3.9V)
●R
PROG=2.6K, current mode
450
500
550
mA
●R
PROG=1.3K,current mode
950
1000
1050
mA
●Standby mode: V
BAT=4.2V
0
-2.5
-6
μA
Shutdown mode, RPROG not
connected
-
±1
±2
μA
Sleep mode, VCC=0V
-
-1
-2
μA
ITRIKL
Trickle charge current
●V
BAT<VTRIKL, RPROG=1.3K
120
130
140
mA
VTRIKL
Trickle charge threshold voltage
RPROG=1.3K, VBAT rising
2.8
2.9
3.0
V
VTRHYS
Trickle voltage hysteresis voltage
RPROG=1.3K
150
200
250
mV
VUV
VCC under voltage lockout threshold
● V
CC from low to high
3.5
3.7
3.9
V
VUVHYS
VCC under voltage lockout hysteresis
●
150
200
300
mV
VASD
VCC-VBAT lockout threshold voltage
VCC from low to high
100
140
180
mV
VCC from high to low
50
80
110
ITERM
C/10 termination current threshold
●R
PROG=2.6K
60
70
80
mA
●R
PROG=1.3K
120
130
140
VPROG
PROG pin voltage
●R
PROG=1.3K,current mode
0.9
1.0
1.1
V
VCHRG
Pin output low voltage
=5mA
-
0.3
0.6
V
VSTDBY
Pin output low voltage
=5mA
-
0.3
0.6
V
VTEMP-H
The voltage at TEMP increase
-
80
83
%VCC
VTEMP-L
The voltage at TEMP decrease
42
45
-
%VCC
ΔV
RECHRG
Recharge battery threshold voltage
VFLOAT -VRECHRG
120
180
240
mV
TLIM
Thermal protection temperature
-
145
-
℃
RON
The resistance of power FET
”ON”
(between V
CC and BAT)
-
650
-
mΩ
tSS
Soft-start time
IBAT=0 to IBAT=1300V/RPROG
-
20
-
μS
tRECHARGE
Recharge comparator filter time
VBAT from high to low
0.8
1.8
4
mS
tTERM
Termination comparator filter time
IBAT below ICHG/10
0.8
1.8
4
mS
IPROG
PROG pin pull-up current
-
2.0
-
μA
Note: The ● denotes specifications which apply over the full operating temperature rang, otherwise specifications are
at TA=25℃,VCC=5V,unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com