Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME4057 Datasheet(PDF) 8 Page - Nanjing Micro One Electronics Inc

Part # ME4057
Description  1A Lithium Ion Battery Linear Charger ME4057
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONE [Nanjing Micro One Electronics Inc]
Direct Link  https://www.microne.com.cn/
Logo MICRONE - Nanjing Micro One Electronics Inc

ME4057 Datasheet(HTML) 8 Page - Nanjing Micro One Electronics Inc

Back Button ME4057 Datasheet HTML 4Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 5Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 6Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 7Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 8Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 9Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 10Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 11Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 12Page - Nanjing Micro One Electronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ME4057
V01
www.microne.com.cn
Page 8 of 18
IBAT (mA)
RPROG (K)
0.9
30
50
0.75
70
24
0.8
130
12
0.9
280
5.1
1
650
2
1.3
1000
1
Note:
a. K is the coefficient of variation, It generally is 1, but due to the vary operating environment, K is varied in the
range: 0.8~1.4
b. The up form is just for reference, it will varied ±10% according to the heat dissipation of the using PCB board;
c. The footprint copper pads should be as wide as possible and expand out to larger copper areas to spread and
dissipate the heat to the surrounding ambient.
Charge termination
A charge cycle is terminated when the charge current falls to 1/10
th the programmed value after the final float
voltage is reached. This condition is detected by using an internal filtered comparator to monitor the PROG pin.
When the PROG pin voltage falls below 100mV for longer than tTEMP (typically 1.8mS), Charging is terminated. The
charge current is latched off and the ME4057 enters standby mode, where the input supply current drops to 55
μA
(Note:C/10 termination is disabled in trickle charging and thermal limiting modes).
When charging, transient loads on the BAT pin can cause the PROG pin to fall below 100mV for short periods
of time before the DC charge current has dropped to 1/10
th the programmed value. The 1.8mS filter time (t
TEMP) on
the termination comparator ensures that transient loads of this nature do not result in premature charge cycle
termination. Once the average charge current drops below 1/10
th the programmed value, the ME4057 terminated the
charge cycle and ceases to provide any current through the BAT pin. In this state all loads on the BAT pin must be
supplied by the battery.
The ME4057 constantly monitors the BAT pin voltage in standby mode. If this voltage drops below the 4.02V
recharge threshold (VRECHRG ),another charge cycle begins and current is once again supplied to the battery. To
manually restart a charge cycle when in standby mode, the input voltage must be removed and reapplied or the
charger must be shut down and restarted using the PROG pin. Figure 1 shows the state diagram of a typical charge
cycle.
Charge status indicator
ME4057 has two open-drain status indicator output
and
.
is pull-down when the ME4057 in
a charge cycle. In other status
in high impedance.
and
are all in high impedance when the
battery out of the normal temperature.
Represent in failure state, when TEMP pin in typical connecting, or the charger with no battery: red LED and
green LED all don’t light. The battery temperature sense function is disabled by connecting TEMP pin to GND. If
battery is not connected to charger,
pin outputs a PWM level to indicate no battery. If BAT pin connects a
10μF capacitor, the frequency of
flicker about 1-4S, If not use status indicator should set status indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com