Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PM6680
Description  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PM6680 Datasheet HTML 3Page - STMicroelectronics PM6680 Datasheet HTML 4Page - STMicroelectronics PM6680 Datasheet HTML 5Page - STMicroelectronics PM6680 Datasheet HTML 6Page - STMicroelectronics PM6680 Datasheet HTML 7Page - STMicroelectronics PM6680 Datasheet HTML 8Page - STMicroelectronics PM6680 Datasheet HTML 9Page - STMicroelectronics PM6680 Datasheet HTML 10Page - STMicroelectronics PM6680 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
PM6680
Electrical data
7/49
2
Electrical data
2.1
Maximum rating
2.2
Thermal data
Table 2. Absolute maximum ratings
Parameter
Value
Unit
V5SW, LDO5 to PGND
-0.3 to 6
V
VIN to PGND
-0.3 to 36
V
HGATEx and BOOTx, to PHASEx
-0.3 to 6
V
PHASEx to PGND
-0.6 (1) to36
1.
PHASE to PGND up to -2.5 V for t<10 ns
V
CSENSEx , to PGND
-0.6 to 42
V
CSENSEx to BOOTx
-6 to 0.3
V
LGATEx to PGND
-0.3 (2) to LDO5 +0.3
2.
LGATEx to PGND up to -1 V for t<40 ns
V
FBx, COMPx, SKIP, , FSEL,VREF to SGND1,SGND2
-0.3 to Vcc +0.3
V
PGND to SGND1,SGND2
-0.3 to 0.3
V
SHDN,PGOODx, OUTx, VCC, ENx to SGND1,SGND2
-0.3 to 6
V
Power dissipation at TA = 25ºC
2.8
W
Maximum withstanding voltage range test condition:
CDF-AEC-Q100-002- “Human Body Model”
acceptance criteria: “Normal Performance”
VIN
±1000
V
Other pins
±2000
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction to ambient
35
°C/W
TSTG
Storage temperature range
-40 to 150
°C
TJ
Junction operating temperature range
-10 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com