Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM6680
Description  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM6680 Datasheet HTML 5Page - STMicroelectronics PM6680 Datasheet HTML 6Page - STMicroelectronics PM6680 Datasheet HTML 7Page - STMicroelectronics PM6680 Datasheet HTML 8Page - STMicroelectronics PM6680 Datasheet HTML 9Page - STMicroelectronics PM6680 Datasheet HTML 10Page - STMicroelectronics PM6680 Datasheet HTML 11Page - STMicroelectronics PM6680 Datasheet HTML 12Page - STMicroelectronics PM6680 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
PM6680
Pin settings
9/49
3.2
Functions
Table 4.
Pin functions
Pin
Function
1SGND1
Signal ground. Reference for internal logic circuitry. It must be connected to
the signal ground plan of the power supply. The signal ground plan and the
power ground plan must be connected together in one point near the PGND
pin.
2
COMP2
DC voltage error compensation pin for the switching section 2
3
FSEL
Frequency selection pin. It provides a selectable switching frequency,
allowing three different values of switching frequencies for the switching
sections.
4EN2
Enable input for the switching section 2.
• The section 2 is enabled applying a voltage greater than 2.4V to this pin.
• The section 2 is disabled applying a voltage lower than 0.8V.
When the section is disabled the High Side gate driver goes low and Low
Side gate driver goes high. If both EN1 and EN2 pins are low and SHDN pin
is high the device enters in standby mode.
5
SHDN
Shutdown control input.
• The device switch off if the SHDN voltage is lower than the device off
threshold (Shutdown mode)
• The device switch on if the SHDN voltage is greater than the device on
threshold.
The SHDN pin can be connected to the battery through a voltage divider to
program an undervoltage lockout. In shutdown mode, the gate drivers of the
two switching sections are in high impedance (high-Z).
6
NC
Not connected.
7FB2
Feedback input for the switching section 2 This pin is connected to a
resistive voltage-divider from OUT2 to PGND to adjust the output voltage
from 0.9V to 3.3V.
8OUT2
Output voltage sense for the switching section 2.This pin must be directly
connected to the output voltage of the switching section.
9BOOT2
Bootstrap capacitor connection for the switching section 2. It supplies the
high-side gate driver.
10
HGATE2
High-side gate driver output for section 2. This is the floating gate driver
output.
11
PHASE2
Switch node connection and return path for the high side driver for the
section 2.It is also used as negative current sense input.
12
CSENSE2
Positive current sense input for the switching section 2. This pin must be
connected through a resistor to the drain of the synchronous rectifier
(RDSON sensing) to obtain a positive current limit threshold for the power
supply controller.
13
LGATE2
Low-side gate driver output for the section 2.
14
PGND
Power ground. This pin must be connected to the power ground plan of the
power supply.
15
LGATE1
Low-side gate driver output for the section 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com