Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680 Datasheet(PDF) 25 Page - STMicroelectronics

Part # PM6680
Description  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PM6680 Datasheet HTML 21Page - STMicroelectronics PM6680 Datasheet HTML 22Page - STMicroelectronics PM6680 Datasheet HTML 23Page - STMicroelectronics PM6680 Datasheet HTML 24Page - STMicroelectronics PM6680 Datasheet HTML 25Page - STMicroelectronics PM6680 Datasheet HTML 26Page - STMicroelectronics PM6680 Datasheet HTML 27Page - STMicroelectronics PM6680 Datasheet HTML 28Page - STMicroelectronics PM6680 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
PM6680
Device description
25/49
7.4
Pulse skip mode
If the SKIP pin is tied to ground, the device works in skip mode.
At light loads a zero-crossing comparator truncates the low-side switch on-time when the
inductor current becomes negative. In this condition the section works in discontinuous
conduction mode. The threshold between continuous and discontinuous conduction mode
is:
Equation 5
For higher loads the inductor current doesn't cross the zero and the device works in the
same way as in PWM mode and the frequency is fixed to the nominal value.
Figure 31.
PWM and pulse skip mode inductor current
Figure 31 shows inductor current waveforms in PWM and SKIP mode. In order to keep
average inductor current equal to load current, in SKIP mode some switching cycles are
skipped. When the output ripple reaches the regulated voltage Vreg, a new cycle begins.
The off cycle duration and the switching frequency depend on the load condition.
As a result of the control technique, losses are reduced at light loads, improving the system
efficiency.
7.5
No-audible skip mode
If SKIP pin is tied to VREF, a no-audible skip mode with a minimum switching frequency of
33 KHz is enabled. At light load condition, If there is not a new switching cycle within a 30us
(typ.) period, a no-audible skip mode cycle begins.
ON
OUT
IN
T
L
2
V
V
)
SKIP
(
ILOAD
×
×
−
=
0
Time
Ton1 Toff
Inductor current
PWM mode
Pulse skip mode
Ton2
Low side off
Toff
Low side on
Load current
Ton1=Ton2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com