Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680 Datasheet(PDF) 39 Page - STMicroelectronics

Part # PM6680
Description  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button PM6680 Datasheet HTML 35Page - STMicroelectronics PM6680 Datasheet HTML 36Page - STMicroelectronics PM6680 Datasheet HTML 37Page - STMicroelectronics PM6680 Datasheet HTML 38Page - STMicroelectronics PM6680 Datasheet HTML 39Page - STMicroelectronics PM6680 Datasheet HTML 40Page - STMicroelectronics PM6680 Datasheet HTML 41Page - STMicroelectronics PM6680 Datasheet HTML 42Page - STMicroelectronics PM6680 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
PM6680
Device description
39/49
The T node voltage is the sum of the output voltage and the triangular waveform generated
by the virtual ESR network. In fact the virtual ESR network behaves like a further equivalent
ESR RESR.
A good trade-off is to design the network in order to achieve an RESR given by:
Equation 28
where
∆I
L is the inductor current ripple and VRIPPLE is the overall ripple of the T node
voltage. It should be chosen higher than approximately 30mV.
The new closed loop gain depends on CINT. In order to ensure stability it must be verified
that:
Equation 29
Where:
Equation 30
where RTOT is the sum of the ESR of the output capacitor Rout and the equivalent ESR
given by the virtual ESR network RESR.
Moreover CINT must meet the following condition:
Equation 31
Where k is a free design parameter greater than 3 and determines the minimum integrator
capacitor value CINT:
Equation 32
C must be selected as shown:
Equation 33
out
L
RIPPLE
ESR
R
I
V
R
=
OUT
Z
m
INT
V
Vr
f
2
g
C
×
×
π
>
TOT
out
Z
R
C
2
1
f
×
×
π
=
TOT
out
Z
sw
R
C
2
k
f
k
f
×
×
π
=
×
>
OUT
Z
sw
m
INT
V
Vr
f
k
f
2
g
C
×
⎟⎟
⎜⎜
×
π
>
INT
C
5
C
×
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com