Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM6680
Description  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM6680 Datasheet HTML 7Page - STMicroelectronics PM6680 Datasheet HTML 8Page - STMicroelectronics PM6680 Datasheet HTML 9Page - STMicroelectronics PM6680 Datasheet HTML 10Page - STMicroelectronics PM6680 Datasheet HTML 11Page - STMicroelectronics PM6680 Datasheet HTML 12Page - STMicroelectronics PM6680 Datasheet HTML 13Page - STMicroelectronics PM6680 Datasheet HTML 14Page - STMicroelectronics PM6680 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
PM6680
Pin settings
11/49
29
OUT1
Output voltage sense for the switching section 1.This pin must be directly
connected to the output voltage of the switching section.
30
COMP1
DC voltage error compensation pin for the switching section 1.
31
VCC
Device Supply Voltage pin. It supplies all the internal analog circuitry except
the gate drivers (see LDO5). Connect this pin to LDO5.
32
VREF
Internal 1.237V high accuracy voltage reference. It can deliver 50uA.
Bypass to SGND with a 100nF capacitor to reduce noise.
Table 4.
Pin functions (continued)
N°
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com