Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680 Datasheet(PDF) 31 Page - STMicroelectronics

Part # PM6680
Description  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PM6680 Datasheet HTML 27Page - STMicroelectronics PM6680 Datasheet HTML 28Page - STMicroelectronics PM6680 Datasheet HTML 29Page - STMicroelectronics PM6680 Datasheet HTML 30Page - STMicroelectronics PM6680 Datasheet HTML 31Page - STMicroelectronics PM6680 Datasheet HTML 32Page - STMicroelectronics PM6680 Datasheet HTML 33Page - STMicroelectronics PM6680 Datasheet HTML 34Page - STMicroelectronics PM6680 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
PM6680
Device description
31/49
7.12
Monitoring and protections
7.12.1
Power good signals
The PM6680 provides three independent power good signals: one for each switching
section (PGOOD1/PGOOD2).
PGOOD1/PGOOD2 signals are low if the output voltage is out of ±10% of the designed set
point or during the soft-start, the soft end and when the device works in standby and
shutdown mode.
7.12.2
Thermal protection
The PM6680 has a thermal protection to preserve the device from overheating. The thermal
shutdown occurs when the die temperature goes above +150°C. In this case all internal
circuitry is turned off and the power sections are turned off after the discharge mode.
A power on reset or a toggle on the SHDN pin is necessary to restart the device.
7.12.3
Overvoltage protection
When the switching output voltage is about 115% of its nominal value, a latched
overvoltage protection occurs. In this case, the synchronous rectifier immediately turns on
while the high-side MOSFET turns off. The output capacitor is rapidly discharged and the
load is preserved from being damaged. The overvoltage protection is also active during the
soft start. Once an overvoltage protection has been detected, a toggle on SHDN, EN1/EN2
pins or a power on reset is necessary to exit from the latched state.
7.12.4
Undervoltage protection
When the switching output voltage is below 70% of its nominal value, a latched undervoltage
protection occurs. In this case the switching section is immediately disabled and both
switches are open. The controller enters in soft end mode and the output is eventually kept
to ground, turning low side MOSFET on. The undervoltage circuit protection is enabled only
at the end of the soft-start. Once an overvoltage protection has been detected, a toggle on
SHDN, EN1/EN2 pin or a power on reset is necessary to clear the undervoltage fault and
starts with a new soft-start phase.
Table 9.
Protections and operatives modes
Mode
Conditions
Description
Overvoltage
protection
OUT1/OUT2 > 115% of the
nominal value
LGATE1/LGATE2 pin is forced high, LDO5 remains
active. Exit by a power on reset or toggling SHDN or
EN1/EN2
Undervoltage
protection
OUT1/OUT2 < 70% of the
nominal value
LGATE1/LGATE2 is forced high after the soft end
mode, LDO5 remains active. Exit by a power on reset
or toggling SHDN or EN1/EN2
Thermal
shutdown
TJ > +150ºC
All circuitry off. Exit by a POR on VIN or toggling
SHDN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com