Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680 Datasheet(PDF) 28 Page - STMicroelectronics

Part # PM6680
Description  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PM6680 Datasheet HTML 24Page - STMicroelectronics PM6680 Datasheet HTML 25Page - STMicroelectronics PM6680 Datasheet HTML 26Page - STMicroelectronics PM6680 Datasheet HTML 27Page - STMicroelectronics PM6680 Datasheet HTML 28Page - STMicroelectronics PM6680 Datasheet HTML 29Page - STMicroelectronics PM6680 Datasheet HTML 30Page - STMicroelectronics PM6680 Datasheet HTML 31Page - STMicroelectronics PM6680 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Device description
PM6680
28/49
Where RSNS is the sensing element (RDSon)
PM6680 provides also a fixed negative peak current limit to prevent an excessive reverse
inductor current when the switching section sinks current from the load in PWM mode. This
negative current limit threshold is measured between PHASE and SGND pins, comparing
the magnitude drop on the PHASE node during the conduction time of the low side
MOSFET with an internal fixed voltage of 120mV.
If the current is sensed on the low side MOSFET, the negative valley-current limit INEG (if the
device works in PWM mode) is given by:
Equation 9
7.7
Soft start and soft end
Each switching section is enabled separately by asserting high EN1/EN2 pins respectively.
In order to realize the soft start, at the startup the overcurrent threshold is set 25% of the
nominal value and the undervoltage protection (see related sections) is disabled. The
controller starts charging the output capacitor working in current limit. The overcurrent
threshold is increased from 25% to 100% of the nominal value with steps of 25% every
700?s (typ.). After 2.8ms (typ.) the undervoltage protection is enabled. The soft start time is
not programmable. A minimum capacitor CINT is required to ensure a soft start without any
overshoot on the output:
Equation 10
Figure 35.
Soft start waveforms
DSon
NEG
R
mV
120
I
=
out
L
Lvalley
INT
C
2
I
4
I
uA
6
C
×
+
EN1/EN2
Current limit threshold
Switching output
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com