Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680 Datasheet(PDF) 42 Page - STMicroelectronics

Part # PM6680
Description  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button PM6680 Datasheet HTML 38Page - STMicroelectronics PM6680 Datasheet HTML 39Page - STMicroelectronics PM6680 Datasheet HTML 40Page - STMicroelectronics PM6680 Datasheet HTML 41Page - STMicroelectronics PM6680 Datasheet HTML 42Page - STMicroelectronics PM6680 Datasheet HTML 43Page - STMicroelectronics PM6680 Datasheet HTML 44Page - STMicroelectronics PM6680 Datasheet HTML 45Page - STMicroelectronics PM6680 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
Device description
PM6680
42/49
7.13.8
Design example
The following design example considers an input voltage from 7V to 16V. The two switching
outputs are OUT1=1.5V and OUT2=1.05V and must deliver a maximum current of 5A. The
selected switching frequencies are about 290kHz for OUT1 section and about 425kHz for
OUT2 section (see Table 7 on page 30).
1.
Inductor selection
OUT1: ILOAD = 5A, 35% ripple current.
Equation 36
We choose standard value L = 2.5 uH.
∆I
L(max) = 1.8A @VIN =12V
ILRMS = 5.03A
IPEAK = 5A + 0.9A = 5.9A
OUT2: ILOAD = 5A, 30% ripple current.
Equation 37
∆I
L(max) = 1.6A @VIN = 12V.
ILRMS = 5.02A
IPEAK = 5A + 0.8A = 5.8A
2.
Output capacitor selection
We would like to have an output ripple smaller than 25mV.
OUT1: POSCAP 6TPB330M
OUT2: POSCAP 6TPB330M
3.
Power MOSFETS
OUT1: High side: STS12NH3LL
Low side: STS12NH3LL
OUT2:High side: STS12NH3LL
Low side: STS12NH3LL
4.
Current limit
OUT1:
Equation 38
H
5
.
2
5
35
.
0
V
16
KHz
290
)
V
5
.
1
V
16
(
V
5
.
1
L
µ
≈
⋅
⋅
⋅
−
⋅
=
H
6
.
1
5
3
.
0
V
16
KHz
425
)
V
05
.
1
V
16
(
V
05
.
1
L
µ
≈
⋅
⋅
⋅
−
⋅
=
A
12
.
4
2
(min)
I
(max)
I
(min)
I
L
LOAD
Lvalley
=
∆
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com