Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 402 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 402 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 398Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 399Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 400Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 401Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 402Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 403Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 404Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 405Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 406Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 1350 page
background image
Chapter 9 Inter-Integrated Circuit (IICV2) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.17
402
Freescale Semiconductor
23
256
33
126
129
24
288
49
142
145
25
320
49
158
161
26
384
65
190
193
27
480
65
238
241
28
320
33
158
161
29
384
33
190
193
2A
448
65
222
225
2B
512
65
254
257
2C
576
97
286
289
2D
640
97
318
321
2E
768
129
382
385
2F
960
129
478
481
30
640
65
318
321
31
768
65
382
385
32
896
129
446
449
33
1024
129
510
513
34
1152
193
574
577
35
1280
193
638
641
36
1536
257
766
769
37
1920
257
958
961
38
1280
129
638
641
39
1536
129
766
769
3A
1792
257
894
897
3B
2048
257
1022
1025
3C
2304
385
1150
1153
3D
2560
385
1278
1281
3E
3072
513
1534
1537
3F
3840
513
1918
1921
MUL=2
40
40
14
12
22
41
44
14
14
24
42
48
16
16
26
43
52
16
18
28
44
56
18
20
30
45
60
18
22
32
46
68
20
26
36
47
80
20
32
42
48
56
14
20
30
49
64
14
24
34
4A
72
18
28
38
4B
80
18
32
42
4C
88
22
36
46
4D
96
22
40
50
4E
112
26
48
58
Table 9-5. IIC Divider and Hold Values (Sheet 2 of 5)
IBC[7:0]
(hex)
SCL Divider
(clocks)
SDA Hold
(clocks)
SCL Hold
(start)
SCL Hold
(stop)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com