Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 404 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 404 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 400Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 401Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 402Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 403Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 404Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 405Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 406Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 407Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 408Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 1350 page
background image
Chapter 9 Inter-Integrated Circuit (IICV2) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.17
404
Freescale Semiconductor
7C
4608
770
2300
2306
7D
5120
770
2556
2562
7E
6144
1026
3068
3074
7F
7680
1026
3836
3842
MUL=4
80
80
28
24
44
81
88
28
28
48
82
96
32
32
52
83
104
32
36
56
84
112
36
40
60
85
120
36
44
64
86
136
40
52
72
87
160
40
64
84
88
112
28
40
60
89
128
28
48
68
8A
144
36
56
76
8B
160
36
64
84
8C
176
44
72
92
8D
192
44
80
100
8E
224
52
96
116
8F
272
52
120
140
90
192
36
72
100
91
224
36
88
116
92
256
52
104
132
93
288
52
120
148
94
320
68
136
164
95
352
68
152
180
96
416
84
184
212
97
512
84
232
260
98
320
36
152
164
99
384
36
184
196
9A
448
68
216
228
9B
512
68
248
260
9C
576
100
280
292
9D
640
100
312
324
9E
768
132
376
388
9F
960
132
472
484
A0
640
68
312
324
A1
768
68
376
388
A2
896
132
440
452
A3
1024
132
504
516
A4
1152
196
568
580
A5
1280
196
632
644
A6
1536
260
760
772
A7
1920
260
952
964
Table 9-5. IIC Divider and Hold Values (Sheet 4 of 5)
IBC[7:0]
(hex)
SCL Divider
(clocks)
SDA Hold
(clocks)
SCL Hold
(start)
SCL Hold
(stop)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com