Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 424 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 424 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 420Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 421Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 422Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 423Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 424Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 425Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 426Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 427Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 428Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
424
Freescale Semiconductor
10.3.2
Register Descriptions
This section describes in detail all the registers and register bits in the MSCAN module. Each description
includes a standard register diagram with an associated figure number. Details of register bit and field
function follow the register diagrams, in bit order. All bits of all registers in this module are completely
synchronous to internal clocks during a register read.
10.3.2.1
MSCAN Control Register 0 (CANCTL0)
The CANCTL0 register provides various control bits of the MSCAN module as described below.
NOTE
The CANCTL0 register, except WUPE, INITRQ, and SLPRQ, is held in the
reset state when the initialization mode is active (INITRQ = 1 and
INITAK = 1). This register is writable again as soon as the initialization
mode is exited (INITRQ = 0 and INITAK = 0).
Read: Anytime
0x0014–0x0017
CANIDMRx
R
AM7
AM6
AM5
AM4
AM3
AM2
AM1
AM0
W
0x0018–0x001B
CANIDAR4–7
R
AC7
AC6
AC5
AC4
AC3
AC2
AC1
AC0
W
0x001C–0x001F
CANIDMR4–7
R
AM7
AM6
AM5
AM4
AM3
AM2
AM1
AM0
W
0x0020–0x002F
CANRXFG
R
See Section 10.3.3, “Programmer’s Model of Message Storage”
W
0x0030–0x003F
CANTXFG
R
See Section 10.3.3, “Programmer’s Model of Message Storage”
W
76543210
R
RXFRM
RXACT
CSWAI
SYNCH
TIME
WUPE
SLPRQ
INITRQ
W
Reset:
00000001
= Unimplemented
Figure 10-4. MSCAN Control Register 0 (CANCTL0)
Register
Name
Bit 7
6
5
4321
Bit 0
= Unimplemented or Reserved
u = Unaffected
Figure 10-3. MSCAN Register Summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com