Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 427 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 427 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 423Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 424Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 425Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 426Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 427Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 428Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 429Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 430Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 431Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
427
Read: Anytime
Write: Anytime when INITRQ = 1 and INITAK = 1, except CANE which is write once in normal and
anytime in special system operation modes when the MSCAN is in initialization mode (INITRQ = 1 and
INITAK = 1).
76543210
R
CANE
CLKSRC
LOOPB
LISTEN
BORM
WUPM
SLPAK
INITAK
W
Reset:
00010001
= Unimplemented
Figure 10-5. MSCAN Control Register 1 (CANCTL1)
Table 10-2. CANCTL1 Register Field Descriptions
Field
Description
7
CANE
MSCAN Enable
0 MSCAN module is disabled
1 MSCAN module is enabled
6
CLKSRC
MSCAN Clock Source — This bit defines the clock source for the MSCAN module (only for systems with a clock
generation module; Section 10.4.3.2, “Clock System,” and Section Figure 10-43., “MSCAN Clocking Scheme,”).
0 MSCAN clock source is the oscillator clock
1 MSCAN clock source is the bus clock
5
LOOPB
Loopback Self Test Mode — When this bit is set, the MSCAN performs an internal loopback which can be used
for self test operation. The bit stream output of the transmitter is fed back to the receiver internally. The RXCAN
input pin is ignored and the TXCAN output goes to the recessive state (logic 1). The MSCAN behaves as it does
normally when transmitting and treats its own transmitted message as a message received from a remote node.
In this state, the MSCAN ignores the bit sent during the ACK slot in the CAN frame acknowledge field to ensure
proper reception of its own message. Both transmit and receive interrupts are generated.
0 Loopback self test disabled
1 Loopback self test enabled
4
LISTEN
Listen Only Mode — This bit configures the MSCAN as a CAN bus monitor. When LISTEN is set, all valid CAN
messages with matching ID are received, but no acknowledgement or error frames are sent out (see
Section 10.4.4.4, “Listen-Only Mode”). In addition, the error counters are frozen. Listen only mode supports
applications which require “hot plugging” or throughput analysis. The MSCAN is unable to transmit any
messages when listen only mode is active.
0 Normal operation
1 Listen only mode activated
3
BORM
Bus-Off Recovery Mode — This bits configures the bus-off state recovery mode of the MSCAN. Refer to
Section 10.5.2, “Bus-Off Recovery,” for details.
0 Automatic bus-off recovery (see Bosch CAN 2.0A/B protocol specification)
1 Bus-off recovery upon user request
2
WUPM
Wake-Up Mode — If WUPE in CANCTL0 is enabled, this bit defines whether the integrated low-pass filter is
applied to protect the MSCAN from spurious wake-up (see Section 10.4.5.4, “MSCAN Sleep Mode”).
0 MSCAN wakes up on any dominant level on the CAN bus
1 MSCAN wakes up only in case of a dominant pulse on the CAN bus that has a length of Twup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com